W2TG0-124-R2SLASHUL
AI

The **W2TG0-124-R2/UL** is a high-performance **AC Axial Fan** manufactured by **ebm-papst**. This specific model belongs to the S-Series and is designed for industrial cooling applications requiring reliability and high airflow in a compact form factor.
---
### ## Technical Specifications
Below are the primary electronic and mechanical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Nominal Voltage** | 115 VAC |
| **Frequency** | 50 / 60 Hz |
| **Power Consumption** | 22 W (at 60Hz) / 24 W (at 50Hz) |
| **Speed (RPM)** | 2700 - 3050 RPM |
| **Airflow** | ~100 CFM (170 m³/h) |
| **Bearing Type** | Ball Bearing |
| **Noise Level** | 44 - 48 dB(A) |
| **Termination** | 2-Terminals (Plug-in) |
| **Weight** | 0.8 kg (Approx.) |
---
### ## Key Electronic Components & Features
#### 1. Motor Technology
The unit utilizes a **shaded-pole motor**. These motors are rugged and reliable for AC applications because they do not require start capacitors, reducing the number of failure points in the circuit. It is impedance-protected against overloading.
#### 2. Environmental Protection
The "UL" suffix indicates that the part is **Underwriters Laboratories (UL) recognized**. The insulation system is typically Class B or F, allowing it to operate in temperatures up to 70°C without electronic failure.
#### 3. Housing and Impeller
* **Housing:** Die-cast aluminum, providing excellent heat dissipation for the internal motor windings and grounding for EMI reduction.
* **Impeller:** Sheet steel, directly welded onto the rotor (external rotor motor design), which allows for a very compact axial depth.
---
### ## Connection Schematic (Typical)
While the device uses a standard AC plug-in terminal, the internal wiring logic follows this standard structure:
```mermaid
graph LR
A[AC Line - 115V] --> B[Terminal 1]
C[AC Neutral] --> D[Terminal 2]
E[Metal Frame] --> F[Earth Ground]
```
*Note: Always ensure the metal frame is grounded to the chassis to prevent electrostatic buildup or shock hazards.*
---
- ⤷
What are the mounting hole dimensions for the W2TG0-124 series?
- ⤷ Can this fan be used with a PWM speed controller?
- ⤷ What is the expected service life (L10) of this ball bearing fan?