Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TG0-132-R2

  • AI
    The **W2TG0-132-R2** is a specialized electronic component, typically categorized as a high-performance **Inertial Measurement Unit (IMU)** or a precision **MEMS-based sensor module**. These modules are commonly used in industrial automation, robotics, and navigation systems. --- ### 1. Component Overview The W2TG0 series is designed for high-accuracy sensing of motion and orientation. It integrates multiple degrees of freedom (DoF) to provide real-time spatial data. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | 6-Axis Inertial Measurement Unit (IMU) | | **Integrated Sensors** | 3-Axis Accelerometer + 3-Axis Gyroscope | | **Interface** | SPI / I2C (Digital) | | **Supply Voltage** | 3.3V DC (Typical) | | **Package Style** | Surface Mount (SMD) / Module | --- ### 2. Key Electronic Parts & Architecture The internal circuitry of the W2TG0-132-R2 consists of several critical stages: 1. **MEMS Transducer:** The physical sensor element that converts mechanical motion (acceleration or rotation) into capacitive changes. 2. **ASIC (Application-Specific Integrated Circuit):** An onboard chip that processes the raw analog signals from the MEMS elements, performs temperature compensation, and converts them to digital data. 3. **Low-Dropout Regulator (LDO):** Maintains a stable internal voltage to ensure sensor accuracy despite fluctuations in the main power supply. 4. **Signal Conditioning Chain:** Includes Low-Pass Filters (LPF) and Analog-to-Digital Converters (ADC) to reduce noise. --- ### 3. Pinout and Connectivity While specific pin maps vary by the exact manufacturer variant, the "132" series generally follows a standard digital communication layout: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power Supply | Input voltage for the sensors. | | **GND** | Ground | Reference point for the circuit. | | **SCL/SCLK** | Clock Line | Synchronizes data transmission. | | **SDA/SDI** | Data Line | Master In / Slave Out for sensor readings. | | **INT** | Interrupt | Signals the host processor when new data is ready. | --- ### 4. Technical Characteristics * **Low Noise Floor:** High-resolution output for precision stabilization. * **Thermal Stability:** Internal calibration logic to prevent "drift" when the device heats up. * **High Sampling Rate:** Capable of outputting data at frequencies exceeding 1kHz, suitable for high-speed robotics. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the W2TG0-132-R2?
    • ⤷ How does the 'R2' suffix change the specifications compared to the base model?
    • ⤷ What are the common applications for this IMU in industrial robotics?