W2TG0-1B2-R2/N
AI

Based on the part number provided, the **W2TG0-1B2-R2/N** typically refers to a high-performance **Thin Film Power Attenuator** or a specialized resistor component, often manufactured by companies like **Susumu** (or similar precision component specialists).
---
## 1. Component Overview
These parts are designed for high-frequency applications where signal integrity and power dissipation are critical.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Thin Film Power Attenuator / Resistor |
| **Technology** | Thin Film (TaN or NiCr on Ceramic) |
| **Impedance** | Typically 50 $\Omega$ (Standard for RF) |
| **Attenuation Value** | Indicated by the "2" (often 2 dB) |
| **Mounting Type** | Surface Mount (SMD) |
| **Termination** | Lead-free / RoHS Compliant |
---
## 2. Part Number Breakdown (Estimated)
While specific internal codes vary by manufacturer, here is the standard breakdown for this series:
* **W2T**: Series designation (Wide terminal / High power series).
* **G0**: Internal designator for frequency response (often DC to 10GHz or 20GHz).
* **1B2**:
* **1B**: Package size code (e.g., 0603 or 1206 equivalent footprint).
* **2**: Attenuation value (2 dB).
* **R2**: Revision or tolerance code (specific to VSWR or power rating).
* **N**: Packaging or specific material finish (e.g., Tape and Reel).
---
## 3. Key Technical Characteristics
### A. High Frequency Performance
The "Thin Film" construction allows for extremely low parasitic capacitance and inductance. This ensures the component maintains a flat frequency response even into the GHz range, preventing signal distortion.
### B. Power Handling
The "W" prefix often indicates a **Wide Terminal** construction. By placing the terminals on the long sides of the rectangular chip rather than the short sides:
1. **Thermal Path:** The heat has a shorter distance to travel to the PCB pads.
2. **Current Density:** It can handle higher currents compared to standard 0603/1206 parts.
### C. Precision
Thin film deposition provides tighter tolerances (often $\pm$0.1dB to $\pm$0.5dB) compared to thick film alternatives, which is vital for RF gain stages.
---
## 4. Typical Applications
* **Base Stations:** Signal leveling in 4G/5G infrastructure.
* **Measurement Equipment:** Precise signal reduction in oscilloscopes or spectrum analyzers.
* **Satellite Communications:** High-reliability RF front ends.
* **Automotive Radar:** ADAS systems operating at high frequencies.
- ⤷
What is the maximum frequency range supported by the W2TG0 series?
- ⤷ How does wide-terminal construction improve thermal management compared to standard SMD parts?
- ⤷ What are the common impedance options available for this specific part number?