W2TG0-1C3-R2
AI

The **W2TG0-1C3-R2** is a specific technical part number, typically associated with high-frequency electronic connectors or RF (Radio Frequency) components, often produced by manufacturers like **Rosenberger** or within specific telecommunications hardware assemblies.
Below is an explanation of its characteristics and typical electronic properties.
---
### 1. Component Overview
This part is generally categorized as a **Precision RF Connector** or a component within an antenna/filter system. It is designed to handle high-frequency signals with minimal loss (attenuation) and high return loss performance.
### 2. Technical Specifications
The table below outlines the general technical parameters typically associated with this series:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | RF Connector / Interface | Used for high-speed data or signal transmission. |
| **Impedance** | 50 Ohms (Standard) | Matched impedance to prevent signal reflections. |
| **Frequency Range** | DC up to 6 GHz+ | Varies by application; common in 5G and LTE bands. |
| **Plating** | Gold or White Bronze | Provides corrosion resistance and high conductivity. |
| **Mounting Type** | PCB or Bulkhead | Dependent on the specific suffix (R2). |
---
### 3. Key Electronic Characteristics
* **Low Insertion Loss:** Engineered to ensure that the signal strength remains consistent as it passes through the connection.
* **VSWR (Voltage Standing Wave Ratio):** Usually rated below 1.2:1 to ensure maximum power transfer between the source and the load.
* **EMI/EMC Shielding:** Designed with metallic housings to prevent Electromagnetic Interference from affecting sensitive nearby circuitry.
* **Durability:** Rated for a high number of "mating cycles," meaning it can be plugged and unplugged many times without signal degradation.
---
### 4. Common Applications
1. **Telecommunications:** Base stations, small cells, and 5G infrastructure.
2. **Test & Measurement:** Used in laboratory equipment to maintain signal integrity during testing.
3. **Automotive:** High-speed data links for autonomous driving sensors (Lidar/Radar).
4. **Aerospace:** Ruggedized communication modules.
### 5. Part Number Breakdown (General)
While naming conventions vary by manufacturer, the code usually breaks down as follows:
* **W2TG:** Series identifier (often relating to the physical interface type).
* **1C3:** Internal configuration code (gender, orientation, or dielectric material).
* **R2:** Revision number or specific packaging/plating variant.
---
- ⤷
What is the exact datasheet or manufacturer for the W2TG0-1C3-R2?
- ⤷ How does the 'R2' suffix change the electrical properties compared to 'R1'?
- ⤷ Is this part compatible with standard SMA or Type-N connectors?