W2TG0-231-R
AI

The **W2TG0-231-R** is a specific part number typically associated with high-performance AC axial fans, often manufactured by companies like **Delta Electronics** or under specific industrial server/telecom specifications.
---
### 1. Component Overview
The W2TG0-231-R is an **AC Axial Fan** designed for cooling electronic enclosures, server racks, and industrial machinery. It is characterized by its reliability and high airflow-to-size ratio.
### 2. Technical Specifications
Below is a summary of the typical electronic and mechanical characteristics for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Input Voltage** | 230V AC |
| **Frequency** | 50 / 60 Hz |
| **Current Rating** | ~0.10A to 0.14A |
| **Power Consumption** | ~18W - 22W |
| **Speed** | 2600 - 3000 RPM |
| **Bearing Type** | Dual Ball Bearing |
| **Frame Material** | Die-cast Aluminum |
| **Termination** | Terminals or Lead Wires |
---
### 3. Key Electronic Features
* **Motor Type:** Shaded pole motor or Capacitor-run induction motor (brushless AC design). This eliminates the need for brushes, reducing electromagnetic interference (EMI) and increasing lifespan.
* **Insulation Class:** Usually Class B or F, meaning the internal wiring is rated to handle high temperatures (up to 130°C - 155°C) without the insulation breaking down.
* **Protection Mechanisms:**
* **Impedance Protection:** The motor is designed so that if the fan blade is stalled (locked rotor), the internal resistance prevents the coils from overheating and catching fire.
* **Dielectric Strength:** High voltage tolerance between the frame and the electrical terminals (typically 1500V AC for 1 minute).
### 4. Physical Construction
* **Housing:** Robust aluminum alloy frame which acts as a heat sink for the motor coils.
* **Impeller:** Typically made of glass-fiber reinforced plastic (PBT) or metal, UL 94V-0 flame retardant rated.
* **Mounting:** Standard 120mm x 120mm x 38mm form factor (common in networking cabinets).
---
### 5. Application Areas
1. **Server Racks:** Extracting hot air from high-density computing environments.
2. **Power Supplies:** Cooling high-wattage AC/DC converters.
3. **Control Cabinets:** Preventing thermal buildup in PLC and industrial automation panels.
- ⤷
What is the difference between impedance protection and thermal protection in AC fans?
- ⤷ How do I wire a 3-terminal AC fan vs a 2-wire version?
- ⤷ What is the expected MTBF (Mean Time Between Failures) for ball bearing fans like this?