W2TG0-2A4-R2SLASHUL
AI

The part number **W2TG0-2A4-R2/UL** refers to a high-performance **AC Axial Fan** manufactured by **Willing (or similar industrial cooling manufacturers)**. This specific model is designed for thermal management in industrial equipment, server racks, and power supplies.
---
### 1. Technical Specifications
The table below breaks down the primary electrical and mechanical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 220V - 240V AC |
| **Frequency** | 50 / 60 Hz |
| **Power Consumption** | Approximately 20W - 24W |
| **Bearing Type** | Dual Ball Bearing (Long life) |
| **Frame Material** | Die-cast Aluminum (High Durability) |
| **Blade Material** | Reinforced Thermoplastic (PBT) |
| **Termination** | Lead Wires or Terminals |
| **Safety Certification** | UL (Underwriters Laboratories) Recognized |
---
### 2. Electronic Component Breakdown
The assembly of the W2TG0-2A4-R2/UL consists of several critical electronic and electromechanical parts:
#### A. The Induction Motor
The heart of the fan is a **shaded-pole** or **capacitor-run AC induction motor**. It is designed for continuous operation (100% duty cycle) and is impedance protected to prevent burnout in case the rotor is locked/obstructed.
#### B. Ball Bearing System
The "2A4" designation typically implies a dual ball-bearing system. Unlike sleeve bearings, ball bearings:
* Allow for mounting in any orientation (vertical or horizontal).
* Have a significantly higher MTBF (Mean Time Between Failures), usually exceeding 50,000 hours.
#### C. Integrated Protection
* **Thermal Protection:** Includes an internal thermal fuse or impedance protection to shut down power if temperatures exceed safe operating limits.
* **UL Certification:** The `/UL` suffix indicates the part complies with UL-507 standards for electric fans, ensuring specific insulation classes and fire safety.
---
### 3. Wiring Configuration
Standard wiring for this AC fan usually follows this logic:
```json
{
"wiring": {
"black_wire": "Line (L)",
"red_or_blue_wire": "Neutral (N)",
"green_yellow": "Ground (GND) - if applicable"
}
}
```
---
### 4. Applications
* **Control Cabinets:** Removing heat from PLCs and Motor Drives.
* **Telecom Racks:** Cooling sensitive networking equipment.
* **HVAC Systems:** Small-scale ventilation and air circulation.
- ⤷
What is the exact CFM (Airflow) rating for this specific fan model?
- ⤷ How does an impedance-protected motor differ from a thermally protected one?
- ⤷ Can this AC fan be controlled using a PWM signal?