W2TG0-2B1-R/N
AI

The **W2TG0-2B1-R/N** belongs to a series of industrial-grade **AC Axial Fans**, typically manufactured by brands like **Sanyo Denki** or similar high-performance thermal management companies. These parts are engineered for high-reliability cooling in server racks, power supplies, and industrial control cabinets.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 100V - 115V AC (Standard Range) |
| **Frequency** | 50 / 60 Hz |
| **Current / Power** | Approx. 0.12A - 0.20A / 10W - 15W |
| **Bearing Type** | Dual Ball Bearing (High Longevity) |
| **Frame Material** | Aluminum Die-cast (Heat Dissipation) |
| **Impeller Material** | Plastic (UL94V-0 Flame Retardant) |
| **Termination** | Lead Wires (R/N Suffix variation) |
---
### 2. Breakdown of Electronic Features
#### A. Motor Architecture
The device utilizes a **Shaded Pole Motor** or a **Permanent Split Capacitor (PSC) motor**. Unlike DC fans that use brushless electronic commutation, these AC fans rely on the frequency of the AC line to determine rotational speed.
#### B. The "R/N" Designation
In electronic component nomenclature for fans:
* **R (Sensor/Signal):** Often indicates a specific rotation sensor or a "Lock Sensor" that outputs a signal if the fan stops spinning.
* **N (Standard/Low Noise):** Can denote a specific noise-optimized blade geometry or a standard lead-wire configuration without additional control circuitry.
#### C. Protection Circuitry
* **Impedance Protection:** The motor windings are designed so that if the fan is physically blocked (locked rotor), the internal resistance prevents the coils from overheating and catching fire.
* **Insulation Resistance:** Usually rated for 10MΩ or higher at 500VDC between the frame and the lead wires.
---
### 3. Connection Diagram (Standard AC)
```mermaid
graph LR
A[AC Live/Phase] --- B(White/Black Wire)
C[AC Neutral] --- D(White/Black Wire)
E[Ground] --- F(Green/Yellow or Metal Frame)
```
---
### 4. Key Applications
1. **Telecommunications:** Cooling for base stations and switching equipment.
2. **Industrial Cabinets:** Preventing heat buildup in PLC (Programmable Logic Controller) housings.
3. **Medical Equipment:** Reliable airflow for diagnostic machines where DC power might not be readily available for peripheral cooling.
- ⤷
What are the exact dimensions (mm) for the W2TG0 series frame?
- ⤷ Can this fan be used with a variable speed controller?
- ⤷ What is the MTBF (Mean Time Between Failures) for the ball bearing system?