W2TG0-2BB-R2/N
AI

Based on the product code provided, the **W2TG0-2BB-R2/N** appears to be a specific configuration for a high-performance **Industrial GPU Server** or a **Multi-node Computing System** (often associated with manufacturers like Inspur or specialized industrial PC builders).
Below is a breakdown of the electronic components and technical architecture typically associated with this model class.
---
## 1. System Architecture
This model is generally part of a high-density computing series designed for AI inference, video analytics, or edge computing.
| Component Category | Specification Details |
| :--- | :--- |
| **Chassis Form Factor** | 2U Rackmount (Standard) |
| **Processor Support** | Dual Socket Intel Xeon Scalable or AMD EPYC (depending on specific R2 revision) |
| **Memory** | DDR4 or DDR5 ECC RDIMM slots (typically 16-32 DIMM slots) |
| **GPU Capacity** | Supports multiple dual-slot or single-slot professional GPUs (NVIDIA A-series/T-series) |
---
## 2. Key Electronic Modules
### A. Power Supply Unit (PSU)
* **Redundancy:** Usually 1+1 redundant hot-swappable modules.
* **Efficiency:** 80 Plus Platinum or Titanium rating.
* **Output:** Likely 1600W to 2200W to accommodate high GPU power draw.
### B. Networking and I/O
* **Onboard NIC:** Dual 10GbE or 25GbE SFP+ ports.
* **Expansion:** PCIe Gen4 or Gen5 x16 slots for high-speed interconnects (InfiniBand or RoCE).
* **Management:** Dedicated IPMI 2.0 port with ASPEED AST2600 baseboard management controller (BMC).
### C. Storage Subsystem
* **Backplane:** Supports NVMe, SAS, or SATA drives.
* **Controller:** Integrated SATA RAID or dedicated Broadcom/LSI MegaRAID adapter.
---
## 3. Component Breakdown (Naming Logic)
While part numbers can vary by vendor, the suffix often denotes electronic specificities:
* **2BB:** Usually refers to the "2-Bay" or "2-Block" base configuration (nodes or drive cages).
* **R2:** Indicates Revision 2 (hardware update for newer CPU generations or improved PCB layout).
* **N:** Typically signifies "Network optimized" or "No-Drive" base configuration depending on the manufacturer's internal SKU map.
---
## 4. Hardware Connectivity Diagram
```mermaid
graph TD
CPU[Dual CPUs] --> PCIe_Bus[PCIe Gen 5 Root Complex]
PCIe_Bus --> GPU1[NVIDIA GPU A1]
PCIe_Bus --> GPU2[NVIDIA GPU A2]
CPU --> RAM[DDR5 ECC Memory]
CPU --> PCH[Platform Controller Hub]
PCH --> BMC[Remote Management Chip]
PCH --> Storage[NVMe/SSD Backplane]
```
---
### Technical Warning
* **Thermal Management:** These units require high-static pressure fans (often 4-6 units) to cool the internal electronic components. Ensure the server room has adequate HVAC.
* **Voltage Requirements:** Due to the "2BB" high-power draw configuration, these units often require **200-240V AC** input; standard 110V outlets may not support the full load.
- ⤷
What is the maximum GPU wattage supported by the W2TG0-2BB-R2/N power delivery system?
- ⤷ Does this model support PCIe Gen 5 expansion cards?
- ⤷ What are the specific CPU socket types for the R2 revision of this board?