W2TG0-2C3-R
AI

The **W2TG0-2C3-R** is a specific part number typically associated with high-performance cooling fans, specifically those manufactured by **Sanyo Denki** under the **San Ace** brand. These fans are commonly used in industrial computing, servers, and power supplies.
Below is a detailed breakdown of the electronic and mechanical specifications for this component.
---
### 1. General Specifications
The W2TG0-2C3-R belongs to a series of high-reliability AC or DC fans (depending on the specific sub-series, though most W-series are high-airflow AC fans).
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Sanyo Denki |
| **Series** | San Ace (Long Life / High Airflow) |
| **Type** | Axial Cooling Fan |
| **Material** | Aluminum Frame, Plastic Impeller (UL 94V-0) |
| **Bearing Type** | Dual Ball Bearing |
### 2. Electronic Characteristics
The "2C3" and suffix "R" indicate specific electrical configurations and protection features.
* **Input Voltage:** Typically operates on AC power (often 200V-230V range for the 2C series), though it is essential to verify the specific voltage label as variations exist.
* **Safety Protection:**
* **Burnout Protection:** The motor is designed to withstand a locked-rotor condition without catching fire or sustaining internal damage.
* **Reverse Polarity Protection:** Integrated into the internal circuitry (for DC variants).
* **Termination:** Usually features lead wires (Red/Black or Brown/Blue) or specialized connectors depending on the "R" suffix customization.
### 3. Mechanical and Environmental Performance
These fans are engineered for 24/7 operation in demanding environments.
| Metric | Estimated Value |
| :--- | :--- |
| **Life Expectancy** | 40,000 to 100,000 hours (at 40°C) |
| **Operating Temperature** | -10°C to +70°C |
| **Speed Control** | Fixed speed (Standard) |
| **Noise Level** | Designed for optimized airflow-to-noise ratio |
### 4. Key Components and Materials
1. **Motor:** A brushless permanent magnet motor or AC induction motor designed for low vibration.
2. **Bearings:** High-precision dual ball bearings are used to ensure the fan can be mounted in any orientation (horizontal or vertical) without losing its lifespan.
3. **Circuitry:** Features an internal PCB for motor commutation and thermal protection.
---
### Common Applications
* **Server Racks:** To exhaust heat from dense CPU environments.
* **Inverters/UPS:** To cool power electronics that generate significant heat during conversion.
* **Industrial Machinery:** Used in control panels to prevent overheating of PLCs and drives.
- ⤷What is the exact voltage and amperage rating for the W2TG0-2C3-R?
- ⤷ Does this fan model include a PWM speed control wire?
- ⤷ What are the physical dimensions (mm) of this specific Sanyo Denki fan?