W2TG0-2CY-R2
AI

The **W2TG0-2CY-R2** is a specific part number typically associated with high-performance cooling solutions, most commonly found in **Delta Electronics** or industrial fan assemblies used in server hardware (like Dell or HP networking equipment).
Below is a breakdown of the electronic components and technical specifications associated with this part.
---
### 1. General Specifications
This part is a high-speed axial fan designed for precision cooling in dense electronic environments.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Delta Electronics (commonly) |
| **Type** | Axial DC Fan |
| **Voltage** | 12V DC (Standard) |
| **Connector** | 4-Pin / 6-Pin (PWM & Tachometer support) |
| **Bearing Type** | Dual Ball Bearing |
| **Application** | Servers, Routers, Power Supplies |
---
### 2. Core Electronic Components
The internal PCB (Printed Circuit Board) of the W2TG0-2CY-R2 consists of several critical electronic elements:
#### A. The Brushless DC (BLDC) Motor
* **Stator & Rotor:** Uses a permanent magnet rotor and a wire-wound stator.
* **Phase Switching:** Since it is brushless, it uses electronic commutation instead of physical brushes, increasing lifespan and reducing EMI (Electromagnetic Interference).
#### B. Integrated Circuit (IC) Controller
* **PWM Control:** The internal IC interprets the **Pulse Width Modulation** signal from the motherboard to adjust the fan speed dynamically.
* **Soft Start:** Electronics designed to prevent current spikes during initial power-up.
#### C. Sensors
* **Hall Effect Sensor:** A small magnetic sensor that detects the position of the rotor to manage commutation and provide the **Tachometer (FG)** signal.
* **Thermal Protection:** Often includes an internal thermistor to shut down the fan if the internal motor coils exceed safe operating temperatures.
---
### 3. Pinout Configuration
For the R2 revision, the wiring typically follows the industrial standard for intelligent cooling:
| Pin Color | Function | Description |
| :--- | :--- | :--- |
| **Black** | GND | Ground / Negative Power |
| **Red** | VCC | +12V DC Power Supply |
| **Yellow** | Tach (FG) | Frequency Generator (Speed output to system) |
| **Blue** | PWM | Control signal input from the system |
---
### 4. Technical Characteristics
* **High Static Pressure:** The blade geometry is optimized for pushing air through dense heat sinks or filtered chassis.
* **Locked Rotor Protection:** The electronics will automatically cut power if the blades are physically obstructed to prevent the motor from burning out.
* **Polarity Protection:** Prevents damage if the positive and negative wires are accidentally reversed.
---
- ⤷What is the maximum RPM and CFM rating for the W2TG0-2CY-R2?
- ⤷ How do I troubleshoot a 'Fan Failure' error for this specific part?
- ⤷ Is this fan compatible with standard 4-pin PC motherboard headers?