W2TG0-31A-R
AI

The **W2TG0-31A-R** is a specific high-performance cooling fan component, typically manufactured by **Sanyo Denki** under the **San Ace** brand. It is an AC-powered axial fan designed for industrial applications requiring high reliability and heat dissipation.
### Technical Specifications
The following table highlights the core electronic and physical characteristics of the unit:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 100V - 115V AC (Single Phase) |
| **Frequency** | 50 / 60 Hz |
| **Rated Current** | ~0.19 / 0.16 A |
| **Rated Input** | ~16 / 14 W |
| **Rated Speed** | 2700 / 3100 RPM |
| **Max Airflow** | ~56.5 / 67.1 CFM |
| **Static Pressure** | 44.1 / 61.8 Pa |
| **Noise Level** | ~40 / 44 dB(A) |
| **Bearing Type** | Dual Ball Bearing |
---
### Internal Electronic Components
The "Electronic parts" of an AC axial fan like the W2TG0-31A-R are relatively straightforward compared to DC fans with complex PCB controllers, but they include critical safety and functional elements:
1. **Induction Motor (Shaded Pole or Capacitor-Run):**
The heart of the unit is an AC motor. It uses copper windings (stator) to create a rotating magnetic field that drives the permanent magnet or induction rotor.
2. **Impedance Protection:**
The "-R" suffix often indicates "RoHS" compliance, but the motor itself is typically **Impedance Protected**. This means the electronic resistance of the windings is high enough that if the fan blade is locked (stalled), the motor will not overheat or catch fire.
3. **Ball Bearing System:**
It utilizes two high-precision ball bearings. Electronically, these reduce friction-induced heat, which preserves the integrity of the winding insulation over a long service life (typically 25,000 to 40,000 hours).
4. **Frame and Grounding:**
The frame is usually die-cast aluminum. It includes a grounding terminal or lead wire to prevent electrostatic discharge (ESD) and ensure user safety from electrical leakage.
### Typical Wiring Configuration
The unit usually features two lead wires for power input:
```text
L (Line) --------[ Black Wire ]
N (Neutral) -----[ Black Wire ]
GND (Ground) ----[ Green/Yellow or Frame Screw ]
```
---
### Key Applications
* **Control Panels:** Removing heat from industrial PLCs and power supplies.
* **Server Racks:** Maintaining airflow in telecommunications enclosures.
* **Medical Equipment:** Cooling high-precision laboratory instruments.
- ⤷
Does this fan support PWM speed control for variable cooling?
- ⤷ What are the specific mounting dimensions for the W2TG0-31A-R?
- ⤷ Is there a 230V AC version available in the same series?