Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TG0-31A-R/N

  • AI
    ### Technical Overview of W2TG0-31A-R/N The **W2TG0-31A-R/N** is a specialized high-power **RF (Radio Frequency) Termination** or "Dummy Load." These components are crucial in telecommunications and broadcasting to dissipate RF energy safely when testing transmitters or protecting circuitry from signal reflections. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of RF terminations, here are the primary electronic characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Termination / Dummy Load | | **Power Rating** | High Power (Typically 20W - 100W depending on heatsink) | | **Impedance** | 50 Ohms (Standard for RF systems) | | **Frequency Range** | DC to 3.0 GHz (Common range for this series) | | **VSWR** | Low Voltage Standing Wave Ratio (typically < 1.25:1) | | **Mounting Style** | Flange Mount (Direct chassis mounting) | --- ### 2. Functional Electronic Components The device consists of three main electronic elements integrated into a single package: #### A. Thick-Film Resistor The "heart" of the component is a high-precision thick-film resistor. It is engineered to maintain exactly **50 Ohms** of resistance across a wide frequency spectrum. Its job is to convert electrical signals into heat. #### B. Substrate Material The resistor is printed on a ceramic substrate, usually **Aluminum Nitride (AlN)** or **Beryllium Oxide (BeO)**. * **Purpose:** These materials are excellent electrical insulators but possess high thermal conductivity. * **Result:** They pull heat away from the resistor toward the metal baseplate as quickly as possible. #### C. The Lead (Tab) The "R/N" designation often refers to the lead configuration. * **Input:** The signal enters through a flat silver or gold-plated lead. * **Grounding:** The bottom flange acts as the electrical ground and the primary thermal interface. --- ### 3. Application Use Cases * **Transmitter Protection:** Absorbs energy if an antenna fails, preventing power from bouncing back and destroying the transmitter. * **Signal Isolation:** Used in **Isolators** and **Circulators** to terminate the "isolated" port. * **Testing:** Used as a substitute for an antenna during bench testing to avoid radiating interference over the airwaves. --- ### 4. Installation Requirements Because this is a power-dissipating device, the electronic performance is strictly tied to its **Thermal Management**: 1. **Heat Sink:** Must be mounted to a flat, clean metal surface. 2. **Thermal Paste:** A thin layer of thermal grease is required between the flange and the heatsink. 3. **Lead Attachment:** The lead should be soldered with minimal solder to prevent parasitic capacitance, which would degrade the VSWR at high frequencies. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for this specific RF termination?
    • ⤷ How does the VSWR rating change at frequencies above 2 GHz?
    • ⤷ What is the difference between the BeO and AlN versions of this component?