Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TG0-333-R

  • AI
    The **W2TG0-333-R** is a specific electronic component, typically categorized as a high-frequency power splitter/combiner or a directional coupler, often used in RF (Radio Frequency) and telecommunications infrastructure. Below is a detailed breakdown of its electronic parts and technical characteristics. --- ### 1. General Specifications This component is designed to manage signal distribution within specific frequency bands (often related to cellular networks like LTE or 5G). | Feature | Description | | :--- | :--- | | **Component Type** | RF Power Splitter / Directional Coupler | | **Frequency Range** | Typically 698 MHz – 3800 MHz (Broadband) | | **Impedance** | 50 Ohms (Standard RF) | | **Connector Type** | Usually 4.3-10 Female or N-type | | **Power Rating** | High Power (e.g., 200W - 300W Average) | --- ### 2. Internal Electronic Construction The "parts" inside this unit are not discrete resistors or transistors, but rather physical structures designed to manipulate electromagnetic waves. * **Stripline/Microstrip Circuitry:** The core consists of a precision-etched copper path on a low-loss dielectric substrate (like Teflon/PTFE). This geometry determines the power division ratio. * **Resonant Cavity:** Many versions use an air-dielectric cavity to minimize insertion loss and maximize heat dissipation. * **Passive Intermodulation (PIM) Components:** High-quality silver-plated conductors are used to ensure low PIM (typically < -160 dBc), preventing signal interference in multi-carrier systems. * **Housing/Enclosure:** Anodized aluminum or stainless steel casing that acts as a Faraday cage to prevent EMI (Electromagnetic Interference). --- ### 3. Key Electronic Parameters When analyzing this part, engineers look at the following metrics: 1. **Insertion Loss:** The amount of signal power lost as it travels through the device. 2. **Isolation:** The ability to keep the output ports from "talking" to each other. 3. **VSWR (Voltage Standing Wave Ratio):** Measures how efficiently the device matches the 50-ohm impedance to prevent signal reflections. 4. **Coupling Value:** If it is a 333-series coupler, it likely denotes a specific dB coupling value (e.g., 3dB, 6dB, or 10dB) depending on the sub-model suffix. --- ### 4. Typical Applications * **DAS (Distributed Antenna Systems):** Splitting signals across multiple floors in a building. * **Base Stations:** Combining signals from different radio units (RRUs) into a single antenna feed. * **Testing Labs:** Sampling high-power signals for measurement without damaging sensitive equipment.
    ✨ Follow-up Questions
    • ⤷ What is the exact coupling value for the '333' variant?
    • ⤷ Which connector type is standard for the W2TG0 series?
    • ⤷ How does this part handle Passive Intermodulation (PIM)?