W2TG0-3B3-R
AI

The **W2TG0-3B3-R** is a specific high-frequency electronic component, typically classified as a **Directional Coupler** or a passive RF (Radio Frequency) component. These parts are essential in telecommunications and signal processing for monitoring or splitting signals without interrupting the main transmission line.
---
## Technical Specifications & Features
Below is a breakdown of the typical electronic characteristics for this part series:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Directional Coupler |
| **Frequency Range** | Usually optimized for GHz ranges (e.g., 2.4GHz - 6GHz) |
| **Impedance** | Standard 50 Ohms |
| **Coupling Value** | Measured in dB (defines how much power is sampled) |
| **Package Type** | Surface Mount Device (SMD) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
## Internal Electronic Functionality
The W2TG0-3B3-R operates based on electromagnetic coupling between two transmission lines placed in close proximity.
### 1. Signal Pathing
* **Input Port:** Where the high-frequency signal enters.
* **Output Port:** Where the majority of the signal exits with minimal loss (Insertion Loss).
* **Coupled Port:** A fraction of the input power is diverted here to be measured or sampled.
* **Isolated Port:** Usually terminated to prevent reflections.
### 2. Key Performance Metrics
* **Insertion Loss:** The amount of power lost from the input to the output. Lower is better for efficiency.
* **Directivity:** The ability of the coupler to distinguish between forward and backward waves.
* **VSWR (Voltage Standing Wave Ratio):** Measures how well the component is matched to the 50-ohm system to prevent signal reflection.
---
## Common Applications
These parts are integrated into complex RF circuits for the following purposes:
1. **Power Monitoring:** Measuring the output power of a cellular base station or Wi-Fi router.
2. **Antenna Tuning:** Detecting reflected power to ensure the antenna is properly matched.
3. **Signal Leveling:** Used in feedback loops to keep signal strength constant across varying conditions.
---
- ⤷
What is the specific coupling value in dB for the W2TG0-3B3-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ Can this component be used in 5G infrastructure applications?