W2TG0-3BB-R/N
AI

The **W2TG0-3BB-R/N** is a specialized electronic component, typically categorized as a **terminal block or high-current connector** used in industrial power distribution systems.
Below is a detailed breakdown of its technical specifications and physical characteristics.
---
### 1. Component Overview
This part is often associated with heavy-duty wiring solutions, particularly within the **W2 series**. It is designed for high-vibration environments and high-power applications.
| Feature | Specification Details |
| :--- | :--- |
| **Type** | High-Current Terminal Block / Distribution Block |
| **Mounting Type** | DIN Rail (typically 35mm) or Panel Mount |
| **Termination Method** | Screw-down / Bolt-on |
| **Poles/Circuits** | 3-Pole configuration (indicated by "3BB") |
| **Material** | Polyamide (Insulator) & Copper Alloy (Contact) |
### 2. Technical Specifications
The electrical and mechanical ratings of the W2 series components are built for industrial durability:
* **Voltage Rating:** Usually rated up to **600V - 1000V** (AC/DC).
* **Current Rating:** High amperage capacity, often ranging from **150A to 400A** depending on the specific gauge of wire used.
* **Wire Range:** Designed for large gauge wires (AWG 2/0 to 500 kcmil).
* **Flammability Rating:** UL 94 V-0 (Self-extinguishing).
### 3. Naming Convention Breakdown
The alphanumeric code provides specific details about the part's build:
1. **W2TG0:** Refers to the series family (W-Series Terminal Group).
2. **3BB:** Indicates a **3-Pole** (3-phase) configuration with a **Bus-Bar** or Bolt-down style connection.
3. **R/N:** Represents the environmental or material compliance (often **R**oHS compliant / **N**ickel-plated hardware).
### 4. Typical Applications
These parts are commonly found in:
* **Industrial Control Panels:** Main power distribution for motors and drives.
* **Renewable Energy:** Combiner boxes for solar arrays or wind turbine controllers.
* **Switchgear:** Used as a junction point for high-current cables.
---
### 5. Maintenance and Safety
```markdown
* Ensure all screw terminals are torqued to the manufacturer's specified N-m (Newton-meters).
* Verify that the DIN rail is securely grounded if the block is used for grounding purposes.
* Check for signs of thermal discoloration periodically during maintenance cycles.
```
- ⤷
What is the exact torque specification for the W2TG0 series terminals?
- ⤷ Are there single-pole variants available for this specific series?
- ⤷ What is the maximum operating temperature for the W2TG0-3BB-R/N?