AI

The **W2TG0-3CB-R** is a specific part number belonging to a series of **AC Axial Fans**, typically manufactured by brands like **Sanyo Denki** (San Ace series) or similar industrial cooling specialized companies. These fans are designed for high-reliability thermal management in server racks, industrial control panels, and power supplies.
---
### 1. Component Specification Overview
Below are the technical specifications typically associated with this model series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC Axial Cooling Fan |
| **Input Voltage** | 100V - 115V AC (Standard 50/60Hz) |
| **Frame Size** | 120mm x 120mm x 38mm (Industry Standard) |
| **Bearing Type** | Dual Ball Bearing (Long Life) |
| **Material** | Aluminum Frame / Plastic Impeller (UL94V-0) |
| **Termination** | Lead Wires or Terminals (Model dependent) |
| **RoHS Status** | Compliant (Indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number Logic
While manufacturers have proprietary coding, the string "W2TG0-3CB-R" generally breaks down as follows:
* **W2T / W2S:** Often denotes the series and the AC motor type (Shaded Pole or Capacitor-run).
* **G0:** Usually relates to the specific frame size and depth (120x38mm).
* **3CB:**
* **3:** Represents the voltage class (typically 100-115V).
* **C:** Speed designation (High speed/Standard).
* **B:** Bearing type (Ball Bearing).
* **-R:** Indicates **RoHS compliance**, ensuring the part is free from restricted hazardous substances like lead or mercury.
---
### 3. Key Electronic Features
1. **Impedance Protection:** The motor is designed to withstand a locked rotor condition without catching fire or causing a short circuit, usually through internal thermal protection or high-impedance windings.
2. **Dual Ball Bearing System:** Unlike sleeve bearings, these are designed for 24/7 operation and can be mounted in any orientation without affecting the lifespan (typically rated for 40,000 to 70,000 hours).
3. **Dielectric Strength:** Built to withstand high voltage spikes, usually tested at 1500V AC for 1 minute between the frame and the lead wires.
4. **Airflow Dynamics:** The "Axial" design means air is drawn in parallel to the shaft and blown out the other side, making it ideal for high-flow, low-static pressure environments.
---
### 4. Common Applications
* **Networking Equipment:** Cooling switches and routers.
* **Industrial Cabinets:** Preventing heat buildup in PLC housings.
* **Power Supplies:** Heat dissipation for large AC/DC converters.
* **Medical Devices:** Reliable cooling for imaging or diagnostic hardware.
- ⤷
What is the exact CFM (airflow) rating for this specific model?
- ⤷ Does this fan support PWM speed control or is it fixed speed?
- ⤷ What are the recommended mounting accessories for a 120mm axial fan?