W2TG0-3CB-R/
AI

The **W2TG0-3CB-R** is a specific technical part number, typically associated with specialized electronic cooling fans or thermal management components, often produced by manufacturers like **Sanyo Denki** or companies specializing in server/industrial hardware.
Below is a breakdown of the electronic and mechanical characteristics typical of this component category.
---
### 1. General Specifications
Based on the part numbering convention, this is a **high-performance DC Axial Fan** used for cooling sensitive electronic enclosures.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | DC Axial Cooling Fan |
| **Nominal Voltage** | 12V or 24V DC (Model dependent) |
| **Bearing Type** | Dual Ball Bearing (for long life) |
| **Housing Material** | Aluminum or Glass-reinforced Plastic (PBT) |
| **Termination** | 3-Wire (Lead wires) |
---
### 2. Key Electronic Features
The "3CB" segment of the part number often indicates specific internal circuitry and control signals:
* **Pulse Width Modulation (PWM):** Allows the system to control the fan speed dynamically based on the temperature of the equipment.
* **Tachometer Output (Sensor):** The third wire (usually yellow or white) provides a frequency signal to the motherboard/controller to monitor the RPM. If the fan stalls, the system triggers an alarm.
* **Polarity Protection:** Includes internal diodes to prevent damage if the positive and negative leads are reversed during installation.
* **Locked Rotor Protection:** The internal IC cuts power to the motor coils if the blades are obstructed, preventing the motor from overheating or burning out.
---
### 3. Pinout Configuration
For a standard 3-wire DC fan in this series, the wiring logic is usually as follows:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | VCC | Positive Power Supply |
| **Black** | GND | Ground / Negative |
| **Yellow/White** | FG (Frequency Generator) | Speed/Tachometer signal output |
---
### 4. Typical Applications
These parts are engineered for environments where high static pressure and reliability are required:
1. **Server Racks:** Cooling high-density CPU/GPU clusters.
2. **Power Supplies:** Heat dissipation for industrial switching power units.
3. **Telecommunications:** Cooling for outdoor base stations and routing equipment.
---
- ⤷
What is the exact airflow rating (CFM) for the W2TG0-3CB-R?
- ⤷ How do I interface the FG signal with a microcontroller like an Arduino?
- ⤷ What are the physical dimensions (e.g.
- ⤷ 40mm
- ⤷ 80mm
- ⤷ 120mm) of this specific model?