W2TG0-3CB-R2
AI

The **W2TG0-3CB-R2** is a specialized electronic component, typically categorized as a high-precision **Thin Film Chip Resistor Network** or a specific **Precision Resistor** variant manufactured by companies like Vishay (under the Dale or Thin Film brands).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This part is designed for applications requiring high stability, low noise, and precise resistance values.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Thin Film Chip Resistor / Network |
| **Material** | Tantalum Nitride (TaN) or Nichrome |
| **Tolerance** | Usually ±0.1% to ±1.0% |
| **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±100 ppm/°C |
| **Operating Temperature** | -55°C to +125°C (or higher) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Key Electronic Attributes
#### A. Thin Film Technology
Unlike "Thick Film" resistors, this part uses **Thin Film** deposition. This provides:
* **Lower Noise:** Essential for high-fidelity audio or sensitive measurement circuits.
* **Tighter Tolerance:** Allows for much more accurate resistance values.
* **Better Stability:** The resistance remains constant even after long periods of operation or exposure to moisture.
#### B. Tantalum Nitride (TaN) Self-Passivation
The "W" series often utilizes Tantalum Nitride. This material is "moisture proof." When exposed to humidity, it forms a protective oxide layer that prevents the resistor from corroding, a common failure point in standard resistors.
#### C. Power Rating and Voltage
* **Power Dissipation:** Designed for low-power signal conditioning (typically 100mW to 250mW depending on the specific package size).
* **Voltage Rating:** Usually rated for 75V to 200V maximum working voltage.
---
### 3. Application Use Cases
Due to its precision and reliability, the W2TG0-3CB-R2 is commonly found in:
1. **Instrumentation:** Bridge circuits and gain-setting for operational amplifiers.
2. **Military & Aerospace:** Where environmental ruggedness (moisture resistance) is mandatory.
3. **Medical Electronics:** Critical monitoring equipment requiring long-term calibration stability.
4. **Telecommunications:** Signal processing and base station equipment.
---
### 4. Part Number Decoder (General Breakdown)
While specific to the manufacturer's internal catalog, the suffix codes usually represent:
* **W2:** Series identifier (Thin Film).
* **TG0:** Package size or TCR (Temperature Coefficient) code.
* **3CB:** Resistance value code (using the multiplier system) and Tolerance.
* **R2:** Packaging style (e.g., Tape and Reel).
- ⤷
What is the specific resistance value for the 3CB code in this series?
- ⤷ How does Thin Film technology compare to Thick Film in terms of cost and performance?
- ⤷ What are the recommended soldering profiles for this SMT component?