W2TG0-3D2-R
AI

The **W2TG0-3D2-R** is a specific variant of a thermal management component, typically identified as a **high-performance DC Axial Fan** (often associated with manufacturers like Nidec or Sanyo Denki, commonly used in server and industrial applications).
Below is the breakdown of its electronic parts, technical specifications, and internal components.
---
## 1. Technical Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Voltage** | 12V DC (Nominal) |
| **Operating Voltage Range** | 7V to 13.2V |
| **Current Rating** | ~1.5A to 2.5A (High Power) |
| **Input Power** | 18W - 30W (Depending on specific load) |
| **Speed (RPM)** | High Speed (approx. 5000 - 8000 RPM) |
| **Airflow** | High CFM (Cubic Feet per Minute) |
| **Termination** | 4-Wire (PWM Control + Tachometer) |
---
## 2. Key Electronic Components
The "3D2-R" suffix typically refers to a high-density blade design and a specific PCB controller configuration.
### A. The Brushless DC (BLDC) Motor
* **Stator:** Consists of copper windings (coils) that create an electromagnetic field.
* **Rotor:** Features a permanent magnet (usually Neodymium or Ferrite) attached to the fan blades.
* **Commutation:** Electronic commutation replaces physical brushes, reducing wear and electrical noise.
### B. The Integrated Circuit (IC) Controller
The PCB inside the fan houses a motor driver IC that handles:
1. **Phase Switching:** Correctly timing the electricity sent to the stator coils.
2. **Soft Start:** Prevents a massive current spike when the fan first powers on.
3. **Locked Rotor Protection:** Automatically cuts or pulses power if the blades are obstructed to prevent the coils from melting.
### C. 4-Wire Interface Electronics
The fan utilizes four distinct electrical lines:
1. **VCC (+12V):** Main power supply.
2. **GND (0V):** Ground return.
3. **Tachometer (FG Signal):** Outputs a square wave frequency proportional to the fan speed, allowing the system to monitor if the fan is spinning.
4. **PWM (Pulse Width Modulation):** Accepts a 25kHz signal to control the speed of the motor without changing the input voltage.
---
## 3. Physical & Mechanical Construction
* **Bearing System:** Usually Dual Ball Bearings for a long MTBF (Mean Time Between Failure), suitable for 24/7 operation.
* **Housing Material:** UL94V-0 reinforced plastic or aluminum alloy for heat dissipation.
* **Protection:** Integrated Polarity Protection (prevents damage if +/- are reversed).
---
- ⤷
What is the pinout diagram for the 4-wire connector on this fan?
- ⤷ Can this fan be used with a standard 3-pin motherboard header?
- ⤷ What is the specific CFM rating for the W2TG0-3D2-R?