Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TG0-3DA-R/CE

  • AI
    The **W2TG0-3DA-R/CE** is a high-precision, industrial-grade **Solid State Relay (SSR)** manufactured by **Waton** (often associated with thermal management and industrial control systems). It is designed to switch AC loads using low-voltage DC signals without moving parts. ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Control Voltage (Input)** | 3 - 32 VDC | | **Load Voltage (Output)** | 24 - 480 VAC | | **Load Current Rating** | 30 Amps (Continuous) | | **Switching Type** | Zero Cross Switching | | **Isolation** | Opto-isolation (Photo-coupler) | | **Certification** | CE Marked | --- ### 2. Functional Electronic Components The internal architecture of this SSR consists of three primary electronic stages: 1. **Input Circuit (Control Side):** * **Current Limiting Resistor:** Protects the internal LED from high input voltages (up to 32V). * **Reverse Polarity Protection Diode:** Prevents damage if the DC input wires are connected backwards. * **Status LED:** A physical indicator on the housing that lights up when the input signal is active. 2. **Optical Isolation:** * An **Opto-coupler** separates the low-voltage control side from the high-voltage AC side. This protects the PLC or microcontroller from electrical noise and surges. 3. **Output Circuit (Switching Side):** * **Triac or Dual SCRs:** The power semiconductors responsible for conducting the 30A load. * **Zero-Crossing Circuit:** This timing circuit ensures the relay only turns ON when the AC sine wave passes through 0V. This minimizes **Electromagnetic Interference (EMI)** and reduces stress on the load. * **Snubber Circuit (RC Network):** An internal resistor-capacitor network that absorbs voltage spikes (dV/dt) to prevent false triggering. --- ### 3. Physical & Installation Features * **Heat Dissipation:** Because it manages 30A, the "R" in the part number often signifies high-reliability components, but it **requires a heatsink** for operation at full capacity to prevent thermal runaway. * **Protective Cover:** The "/CE" suffix usually denotes the inclusion of a transparent safety cover over the screw terminals to prevent accidental contact (IP20 rating). ### 4. Application Wiring Example To control a heater using a PLC (24VDC): ```markdown [PLC Output (+)] ----> [SSR Terminal 3 (+)] [PLC Output (-)] ----> [SSR Terminal 4 (-)] [AC Power Line] ----> [SSR Terminal 1 (L1)] [SSR Terminal 2] ----> [Heater Load] ----> [AC Neutral] ``` ---
    ✨ Follow-up Questions
    • ⤷ Does this SSR require a specific type of thermal paste for mounting?
    • ⤷ Can this model be used for phase angle control (dimming)?
    • ⤷ What is the recommended fuse type for protecting the W2TG0-3DA-R?