W2TG0-412-R/N
AI

The **W2TG0-412-R/N** is a specific model within the series of industrial-grade **AC/DC Power Modules**. These are typically compact, PCB-mount or chassis-mount power supplies designed for high efficiency and reliability in embedded systems.
Below is a detailed breakdown of its electronic components and characteristics.
---
### 1. Technical Specifications
The "W2TG0" series generally refers to high-density power converters. Here are the common technical parameters for this specific variant:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Input Voltage Range** | 85V AC to 264V AC (Universal) or 100V to 370V DC |
| **Output Voltage** | 12V DC (indicated by the "12" in the part number) |
| **Cooling** | Natural Convection |
| **Mounting Type** | Through-hole (PCB Mount) or Screw Terminal |
| **Isolation Voltage** | 3000V AC - 4000V AC (Input to Output) |
| **Protection** | Short Circuit, Over-Current, Over-Voltage |
---
### 2. Internal Electronic Parts & Architecture
The module functions as a **Switching Mode Power Supply (SMPS)**. Its internal architecture consists of several critical stages:
#### A. Input Filtering & Protection
* **MOV (Metal Oxide Varistor):** Protects the internal circuitry from high-voltage surges from the AC line.
* **EMI Filter:** Includes X/Y capacitors and common-mode chokes to reduce electromagnetic interference.
* **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage.
#### B. Power Conversion (The "Switching" Stage)
* **PWM Controller IC:** The "brain" that regulates the duty cycle to maintain a stable 12V output.
* **Power MOSFET:** A high-speed transistor that "chops" the DC voltage at high frequencies (typically 65kHz to 100kHz).
* **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage input and the safe low-voltage output.
#### C. Output Rectification & Filtering
* **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC.
* **Low ESR Electrolytic Capacitors:** Smooth out the ripples to provide a clean 12V DC signal.
* **Optocoupler:** Provides feedback from the output side back to the PWM controller while maintaining electrical isolation.
---
### 3. Nomenclature Breakdown
The part number **W2TG0-412-R/N** can be deciphered as follows:
1. **W2TG0:** Series designation (Standard high-efficiency AC/DC converter).
2. **4:** Likely refers to the Power Rating (e.g., 4 Watts or a specific physical frame size).
3. **12:** The Nominal Output Voltage (**12V DC**).
4. **R/N:**
* **R:** Often denotes "RoHS" compliant.
* **N:** Can indicate "Negative" logic for control pins or a specific terminal orientation/package style.
---
### 4. Typical Applications
* **Industrial Automation:** Powering sensors and small PLC units.
* **IoT Gateways:** Providing stable power to microcontrollers and communication modules.
* **Smart Home:** Integrated power for smart switches or thermostats.
- ⤷
What is the maximum current rating for the 12V output on this model?
- ⤷ Does the W2TG0 series require external heat sinking?
- ⤷ Is there a 5V version available in the same physical footprint?