Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TG0-423-R

  • AI
    The **W2TG0-423-R** is a specific electronic component, typically categorized as a high-precision **Thin Film Chip Resistor Network** or an **Attenuator**, often produced by manufacturers like Susumu or similar precision component specialists. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The "W2" series generally refers to high-frequency components designed for signal integrity in telecommunications and measurement equipment. | Attribute | Specification | | :--- | :--- | | **Component Type** | Thin Film Chip Attenuator / Resistor Network | | **Package Style** | Surface Mount (SMD) | | **Termination** | Lead-free (RoHS Compliant) | | **Primary Application** | Signal attenuation, Impedance matching | --- ## 2. Technical Specifications While exact parameters can vary slightly based on the specific datasheet revision, the "423" suffix typically denotes the performance profile: ### Electrical Characteristics * **Impedance:** Usually standardized at **50Ω**, optimized for high-frequency RF circuits. * **Attenuation Value:** The "423" code often maps to a specific decibel (dB) rating or resistance ratio (e.g., 2dB or 3dB depending on the manufacturer's series mapping). * **Tolerance:** Extremely tight tolerance (often ±0.1dB or ±0.5%), characteristic of thin-film technology. * **Frequency Range:** Designed to operate from DC up to several GHz (commonly up to 10GHz or 20GHz) with minimal signal distortion. ### Physical Construction * **Substrate:** Alumina ceramic or Silicon. * **Resistive Element:** Thin film (NiCr or similar alloy) which provides superior temperature stability. * **Terminals:** Wraparound terminals for robust soldering. --- ## 3. Key Advantages 1. **Low Noise:** Thin film construction produces significantly less thermal noise compared to thick film alternatives. 2. **High Stability:** Excellent behavior under varying temperature conditions (Low TCR - Temperature Coefficient of Resistance). 3. **Compact Form Factor:** The SMD design allows for high-density PCB layouts. --- ## 4. Common Applications * **Mobile Communication:** Base stations and handheld devices. * **Optical Networking:** High-speed data transmission modules. * **Test & Measurement:** Oscilloscopes and signal generators requiring precise signal reduction. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact attenuation value in dB for the 423 variant?
    • ⤷ What are the recommended soldering profiles for this SMD component?
    • ⤷ How does thin film technology compare to thick film for RF applications?