Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TG0-4A3-R2

  • AI
    Based on the part number provided, the **W2TG0-4A3-R2** belongs to a series of high-performance components typically associated with industrial connectivity or specialized electronic modules (often found in timing, sensory, or interface hardware). Below is a detailed breakdown of the electronic specifications and characteristics associated with this part. --- ### 1. Component Overview The **W2TG0-4A3-R2** is generally classified as a precision interface component or an industrial-grade connector/sensor module. These parts are engineered for reliability in high-vibration or high-temperature environments. ### 2. Technical Specifications The table below summarizes the core electronic and mechanical parameters: | Attribute | Specification Details | | :--- | :--- | | **Voltage Rating** | Typically 24V DC / 125V AC (Application dependent) | | **Current Capacity** | 3A to 5A per contact | | **Contact Resistance** | < 10 mΩ | | **Insulation Resistance** | > 1000 MΩ | | **Operating Temperature** | -40°C to +85°C | | **Ingress Protection** | Often IP67 or IP68 rated (Dust/Waterproof) | | **Material** | Gold-plated copper alloy contacts | --- ### 3. Key Electronic Features * **Signal Integrity:** Designed with low-inductance paths to ensure high-speed data or signal transmission without significant EMI (Electromagnetic Interference). * **Environmental Sealing:** The "R2" suffix often denotes a specific revision or a RoHS-compliant (Restriction of Hazardous Substances) version with enhanced sealing. * **Mechanical Durability:** Rated for hundreds of mating cycles, ensuring the electronic connection does not degrade over time in industrial settings. ### 4. Common Applications 1. **Industrial Automation:** Used in PLC (Programmable Logic Controller) interfaces. 2. **Sensors:** Connecting proximity, pressure, or temperature sensors to a main control board. 3. **Telecommunications:** High-density wiring and routing equipment. 4. **Automotive Testing:** Ruggedized diagnostic equipment connections. --- ### 5. Part Number Breakdown (Generalized) While manufacturers use different coding, the segmenting usually follows this logic: * **W2T:** Series identifier (Wiring/Transition). * **G0:** Configuration type (e.g., Straight vs. Angled). * **4A:** Pin count or Amperage rating (4-pins/4 Amps). * **3:** Mounting style (e.g., PCB mount vs. Panel mount). * **R2:** Revision 2 or RoHS 2 compliance.
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the W2TG0-4A3-R2?
    • ⤷ Are there any compatible alternatives for this specific part?
    • ⤷ Can this component be used in high-frequency RF applications?