AI

### Electronic Overview: W2TG0-4CB-R2/UL
The **W2TG0-4CB-R2/UL** is a high-performance, industrial-grade cooling component, specifically an AC axial fan manufactured by **Nidec (formerly EMB-Papst/Nidec Servo)**. It is designed for thermal management in telecommunications, server racks, and industrial control cabinets.
---
### Technical Specifications
The following table highlights the core electronic and mechanical characteristics of this unit:
| Parameter | Specification |
| :--- | :--- |
| **Voltage Type** | AC (Alternating Current) |
| **Nominal Voltage** | 230V AC |
| **Frequency** | 50 / 60 Hz |
| **Power Consumption** | ~20 - 25 Watts |
| **Current Rating** | ~0.11 - 0.14 Amps |
| **Speed (RPM)** | ~2,700 - 3,100 RPM |
| **Airflow Capacity** | ~50 - 60 CFM (Cubic Feet per Minute) |
| **Bearing Type** | Dual Ball Bearing |
| **Safety Certification** | UL (Underwriters Laboratories) Recognized |
---
### Key Electronic Components & Features
#### 1. Induction Motor Design
The unit utilizes a **shaded-pole** or **capacitor-run AC motor**.
* **Winding:** Copper windings are insulated to withstand high thermal stress (typically Class B or F insulation).
* **Impedance Protection:** The motor is electronically protected against burnout. If the fan blades are locked (rotor lock), the impedance of the windings prevents the current from rising to a level that would cause a fire.
#### 2. Dual Ball Bearing System
From an electronic-mechanical standpoint, the dual ball bearings reduce friction. This ensures that the motor maintains a consistent draw of current over its lifespan (typically 50,000+ hours) without increased resistance causing electronic failure.
#### 3. Power Connection
* **Termination:** Usually features lead wires or spade terminals for integration into a power distribution unit (PDU).
* **UL Compliance:** The "UL" suffix indicates the internal wiring and plastic housing meet specific flame-retardant and electrical safety standards for the North American market.
#### 4. Housing and Material
* **Frame:** Typically Die-cast Aluminum (acts as a heat sink for the motor).
* **Impeller:** Reinforced plastic or metal, balanced to minimize vibration, which protects the internal electronic solder joints from fatigue.
---
### Application Usage
Because this part operates at **230V**, it is commonly used in:
* **Network Enclosures:** Cooling high-density switches.
* **Industrial Power Supplies:** Extracting heat from large transformers or MOSFET arrays.
* **Climate Control Panels:** Providing constant airflow to sensitive PLC (Programmable Logic Controller) units.
- ⤷
What is the exact noise level (dB) of the W2TG0-4CB-R2/UL during operation?
- ⤷ Can this fan be controlled via a PWM signal for speed adjustment?
- ⤷ What are the physical dimensions and mounting hole spacing for this model?