W2TG0-4D2-R
AI

The **W2TG0-4D2-R** is a high-performance, industrial-grade AC axial fan manufactured by **Sanyo Denki** (SanAce series). It is specifically designed for high-density cooling in environments requiring significant airflow and durability.
---
### 1. Key Technical Specifications
The following table outlines the electronic and mechanical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | AC (Alternating Current) |
| **Rated Voltage** | 200V / 230V |
| **Frequency** | 50 / 60 Hz |
| **Current Consumption** | ~0.14A / 0.12A |
| **Power Consumption** | ~24W / 21W |
| **Rated Speed** | 2,750 / 3,150 RPM |
| **Max Airflow** | 120 / 141 CFM |
| **Noise Level** | 46 / 51 dB(A) |
| **Bearing Type** | Dual Ball Bearing |
---
### 2. Electronic Components & Design
The "W2TG0-4D2-R" architecture consists of several critical sub-components that manage power and motion:
#### A. The Motor Structure
* **Shaded Pole or Capacitor-Run Motor:** Typical for this series, it utilizes a brushless AC design to minimize wear.
* **Winding Insulation:** Class B insulation is standard, protecting the copper windings from heat-induced failure up to 130°C.
#### B. Thermal Protection
* **Impedance Protection:** The motor is electronically designed so that if the rotor is locked (stalled), the internal resistance of the windings prevents the current from rising to a level that would cause a fire or melt the components.
#### C. Connectivity (The "R" Suffix)
* **Termination:** The "R" usually indicates the lead wire configuration or specific RoHS compliance standards.
* **Wiring:** Standard 2-wire setup (Line and Neutral) for power delivery.
---
### 3. Mechanical & Material Construction
To support the electronic operation, the physical housing is built for industrial stress:
* **Frame:** Die-cast aluminum (acts as a heat sink for the motor).
* **Impeller:** Flame-retardant plastic (UL 94V-0 rated).
* **Environmental Protection:** Designed to operate in temperatures ranging from -30°C to +70°C.
---
### 4. Applications
Due to its high voltage rating and CFM (Cubic Feet per Minute) output, it is commonly found in:
1. **Server Racks:** Cooling high-density computing hardware.
2. **Industrial Control Panels:** Preventing heat buildup in PLC and inverter cabinets.
3. **Medical Equipment:** High-reliability cooling for imaging or lab machinery.
- ⤷
What are the wiring diagrams for connecting this fan to a 230V circuit?
- ⤷ How does the 'Impedance Protection' feature differ from a thermal fuse?
- ⤷ Is there a DC alternative to the W2TG0 series with similar airflow?