AI

The **W2TG0-4D2-R2/UL** is a specialized electronic component, specifically a **high-reliability miniature thermal circuit breaker** or circuit protection device (often associated with the W28 or similar series by manufacturers like TE Connectivity/P&B or specialized industrial suppliers).
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
This part is designed for precision overcurrent protection in sensitive electronic equipment.
| Attribute | Specification Details |
| :--- | :--- |
| **Component Type** | Thermal Circuit Breaker / Push-to-Reset |
| **Current Rating** | Typically 2A to 4A (depending on the specific D2-R2 coding) |
| **Voltage Rating** | 250VAC / 32VDC (Standard operational range) |
| **Mounting Type** | Panel Mount (Threaded neck or Snap-in) |
| **Termination** | 0.250" (6.35mm) Quick Connect Terminals |
| **Certification** | UL Recognized (indicated by the /UL suffix) |
---
### 2. Electronic Parts Breakdown
The internal construction of the device consists of several critical electronic and mechanical elements:
#### A. Bimetallic Strip (The Sensing Element)
The core of the W2TG0 series is a **bimetallic element**. When current flows through it, the strip heats up. If the current exceeds the rated value for a specific duration, the two metals (having different expansion coefficients) bend, triggering the mechanical release.
#### B. Contact Mechanism
* **Stationary Contact:** Fixed to the input terminal.
* **Movable Contact:** Attached to the bimetallic assembly.
* **Material:** Usually silver-plated copper or silver-cadmium oxide to ensure low contact resistance and prevent "welding" during an overcurrent event.
#### C. Trip-Free Design
The "R2" designation often implies a **Trip-Free** mechanism. This means that even if the reset button is held down manually, the internal contacts will still open if an overload condition exists, ensuring safety.
---
### 3. Key Electronic Characteristics
To integrate this part into a circuit, the following parameters must be considered:
* **Interrupt Capacity:** The maximum current the device can safely break without exploding or welding (typically around 1,000 Amps at 250VAC).
* **Dielectric Strength:** Usually rated for 1,500VAC between terminals and the frame to ensure isolation.
* **Reset Time:** Since it is thermal, there is a "cooling period" (usually 10–60 seconds) required before the bimetal returns to its original shape and allows the breaker to be reset.
---
### 4. Typical Applications
The W2TG0-4D2-R2/UL is commonly found in:
1. **Industrial Control Panels:** Protecting PLC outputs.
2. **Power Strips/Surge Protectors:** High-end units requiring UL-certified protection.
3. **Medical Equipment:** Where reliable, resettable protection is required over traditional fuses.
4. **Marine Electronics:** Due to its robust vibration resistance.
- ⤷
What is the exact trip time curve for the 4D2 variant?
- ⤷ Can this circuit breaker be used in DC applications above 32V?
- ⤷ What are the physical dimensions for the panel cutout?