AI

The **W2TG0-4DA-R/CE** is a high-performance analog output expansion module typically used within industrial automation ecosystems (such as the LS Electric or similar PLC series). It is designed to convert digital signals from a CPU into high-precision analog signals to control devices like motor drives, valves, and actuators.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Channels** | 4 Isolated Channels |
| **Output Types** | Voltage and Current (Selectable) |
| **Voltage Range** | DC 1V to 5V, 0V to 5V, 0V to 10V, -10V to +10V |
| **Current Range** | DC 4mA to 20mA, 0mA to 20mA |
| **Resolution** | 14-bit (1/16,000) or 16-bit (1/64,000) depending on mode |
| **Conversion Speed** | Approx. 1ms per channel |
| **Isolation** | Photo-coupler isolation between terminals and PLC power |
| **Certification** | CE (European Conformity), RoHS |
---
### 2. Electronic Component Breakdown
The internal circuitry of the W2TG0-4DA-R/CE consists of several critical stages to ensure signal integrity:
#### A. Digital-to-Analog Converter (DAC)
The heart of the module. It receives binary data from the PLC backplane and converts it into a proportional electrical level. The 14/16-bit precision ensures smooth control of sensitive equipment.
#### B. Isolation Barrier
To protect the main PLC CPU from field-side surges or ground loops, this module uses **Opto-couplers** or **Magnetic Isolators**. This ensures that the digital logic side and the analog output side are electrically separated.
#### C. Power Supply Section (DC/DC Converter)
The module typically requires an external 24V DC supply. It contains internal filtering and regulation components to provide a stable, noise-free voltage reference for the analog outputs.
#### D. Protection Circuitry
* **Short-circuit protection:** Prevents damage if the voltage outputs are accidentally grounded.
* **Over-current protection:** Limits the current on the 4-20mA loops.
* **Surge Absorbers:** Protects the internal components against electromagnetic interference (EMI) and lightning-induced surges.
---
### 3. Connection and Wiring Tips
1. **Shielding:** Always use shielded twisted-pair cables for analog signals to minimize noise interference.
2. **Grounding:** The shield should be grounded at a single point (usually the PLC side) to avoid ground loops.
3. **External Power:** Ensure the 24V DC power supply is stable, as fluctuations can affect the accuracy of the analog output.
---
- ⤷
What are the specific wiring differences between the voltage and current modes for this module?
- ⤷ How do I configure the resolution settings in the PLC software?
- ⤷ Does this module support HART protocol for smart field devices?