W2TG0-4DC-R2
AI

The **W2TG0-4DC-R2** is a specific industrial-grade Ethernet switch module, typically associated with Hirschmann’s **OCTOPUS** or **MICE** series (or similar ruggedized networking hardware). It is designed for harsh environments requiring high vibration resistance and waterproof capabilities.
---
## Technical Specifications Overview
| Feature | Specification |
| :--- | :--- |
| **Port Type** | 4 x 10/100 BASE-TX |
| **Connector Type** | M12 D-coded (4-pole) |
| **Housing Rating** | IP67 (Dust tight and water immersion resistant) |
| **Network Standard** | IEEE 802.3 (Ethernet), 802.3u (Fast Ethernet) |
| **Operating Voltage** | Typically 24V DC (Redundant inputs) |
| **Mounting** | Wall or Machine mount (no cabinet required) |
---
## Key Electronic & Design Components
### 1. M12 Connector Interface
Unlike standard RJ45 ports found in offices, the **M12 D-coded** connectors are the "electronic heart" of this unit's reliability.
* **Vibration Proof:** Threaded locking mechanism prevents accidental disconnection.
* **Shielding:** Integrated 360-degree shielding to protect data signals from high Electromagnetic Interference (EMI) common in factories.
### 2. Physical Layer (PHY) Transceivers
The internal circuitry uses industrial-grade PHY chips that handle:
* **Auto-Negotiation:** Automatically detects speed (10 or 100 Mbps).
* **Auto-MDI/MDI-X:** Automatically adjusts for straight-through or crossover cables.
* **Signal Integrity:** Enhanced DSP (Digital Signal Processing) to maintain data packets over long cable runs in noisy environments.
### 3. Power Management
The "4DC" in the part number often signifies its power configuration:
* **Redundancy:** Dual power inputs ensure that if one power supply fails, the internal switching logic continues to operate without packet loss.
* **Protection:** Includes reverse polarity protection and overvoltage surge protection to prevent the internal PCB from burning out during power spikes.
### 4. Ruggedized PCB Design
The internal electronics are not "free-floating."
* **Conformal Coating:** Often applied to the internal PCB to protect components from humidity and condensation.
* **Thermal Dissipation:** The outer casing acts as a large heat sink, allowing the device to operate in high-temperature zones without internal fans (fanless design).
---
## Common Use Cases
* **Railway/Rolling Stock:** Managing onboard passenger Wi-Fi or security cameras.
* **Automotive Assembly:** Connecting robotic arms on a factory floor.
* **Marine:** Bridge systems or engine room monitoring where moisture is high.
- ⤷
What is the difference between M12 D-coded and X-coded connectors?
- ⤷ Can this switch be used in a standard IT rack without an IP67 enclosure?
- ⤷ What are the specific power consumption requirements for the W2TG0-4DC-R2?