Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TS-011-R/N

  • AI
    The **W2TS-011-R/N** is a specialized electronic component, typically categorized as a **Terminal Block** or **Connector Interface Module**, often used in industrial automation and control panel wiring. --- ## 1. Core Specifications and Identification This part number usually refers to a slim-type terminal relay or an interface module used to bridge PLC (Programmable Logic Controller) outputs to field devices. | Feature | Description | | :--- | :--- | | **Type** | Relay Terminal / Interface Module | | **Channels** | Typically 1-channel or 4-channel (depending on specific series context) | | **Mounting** | DIN Rail (35mm) | | **Wiring Method** | Screw or Push-in (depending on the "R/N" variant) | | **Input Logic** | R (Relay type) / N (NPN/PNP logic compatibility) | --- ## 2. Key Electronic Functions The W2TS series focuses on isolation and signal conversion between low-power control circuits and high-power load circuits. ### A. Galvanic Isolation * **Purpose:** Protects the PLC or controller from voltage spikes or back-EMF from inductive loads (motors, solenoids). * **Mechanism:** Uses electromagnetic induction (Relay) or optocouplers to ensure no direct electrical path between input and output. ### B. Switching Capability * **Voltage:** Usually supports up to 250V AC or 30V DC. * **Current:** Rated for small to medium loads (typically 5A to 10A depending on the specific relay mounted). --- ## 3. Physical & Design Attributes The "W2" designator often implies a "Wide" or "Wing" style slim profile to save space on crowded DIN rails. * **LED Indicators:** Most models feature a built-in LED to show the status of the input signal (ON/OFF). * **Replaceable Relays:** In many W2TS configurations, the internal relay can be replaced without disconnecting the wiring, reducing downtime. * **Polarity Protection:** Includes diodes to prevent damage from reverse polarity on the DC input side. --- ## 4. Typical Application Example A common use case involves connecting a 24V DC PLC output to a 220V AC Motor Starter. ```mermaid graph LR A[PLC 24V DC Out] --> B[W2TS-011-R/N Input] B --> C{Relay Coil} C --> D[Mechanical Contact Close] D --> E[220V AC Load/Motor] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact contact rating (Amps) for the W2TS-011-R/N?
    • ⤷ Is this module compatible with both NPN and PNP sensor logic?
    • ⤷ Does this model support replaceable plug-in relays?