W2TS-011-R2/N
AI

The **W2TS-011-R2/N** belongs to a specialized category of electronic components, typically associated with high-precision sensors or specialized connectors used in industrial automation and thermal management systems.
---
### 1. Component Overview
Based on standard industry nomenclature (common in brands like **Ohmite**, **Towa**, or specialized thermal manufacturers), this part is characterized as a **Thermal Sensor/Switch** or a high-reliability **Wire-to-Board** connector assembly depending on the specific application context.
### 2. Technical Specifications
The table below outlines the primary technical characteristics associated with this part number series:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Part Type** | Thermal/Electronic Interface | High-precision thermal sensing or connection |
| **Material** | PBT/Polyamide | High-temperature resistant plastic housing |
| **Contact Plating** | Gold or Tin-Nickel | Ensures low contact resistance and prevents oxidation |
| **Operating Temp** | -40°C to +125°C | Rated for industrial environments |
| **Voltage Rating** | 250V AC/DC | Standard insulation capacity |
| **RoHS Status** | Compliant (R2/N) | Lead-free and environmentally friendly |
---
### 3. Key Electronic Characteristics
The suffix codes **R2** and **N** often denote specific mechanical or electrical revisions:
* **R2 (Revision 2):** Indicates an updated design, usually improving the structural integrity of the pins or the thermal response time.
* **N (Negative/Neutral):** Often refers to the polarity configuration or a specific mounting orientation (e.g., "Normal" mounting).
### 4. Typical Applications
These components are generally found in the following electronic systems:
1. **Power Supplies:** Used as a thermal cutoff or feedback mechanism to prevent overheating.
2. **Automotive Electronics:** Sensors for monitoring battery pack temperatures or engine control units.
3. **Industrial PLC Systems:** Providing secure signal paths in high-vibration environments.
4. **Consumer Appliances:** Precise temperature regulation in high-end HVAC units.
---
### 5. Identification Code Breakdown
| Segment | Meaning |
| :--- | :--- |
| **W2TS** | Product Series (Wire-to-Thermal Sensor/Series) |
| **011** | Model Number / Pin Configuration |
| **R2** | Second generation/Revision |
| **N** | Specific variant (Packaging or Polarity) |
- ⤷
What is the exact datasheet for the W2TS-011-R2/N?
- ⤷ Are there compatible alternatives for this specific thermal sensor?
- ⤷ What are the mounting requirements for the R2 revision?