W2TS-01C-R
AI

The **W2TS-01C-R** is an electronic component, specifically a **Surface Mount (SMT) Micro Switch** or **Tactile Switch**, commonly used in compact electronic devices for user input or circuit activation.
---
### 1. Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the W2TS-01C-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Micro / Tactile Switch |
| **Mounting Type** | Surface Mount (SMT/SMD) |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Operation Type** | Momentary (Normally Open) |
| **Actuator Type** | Button / Plunger |
| **Termination Style** | Gull Wing Leads |
| **RoHS Status** | Compliant (R suffix often denotes RoHS) |
---
### 2. Key Internal Components
The W2TS-01C-R consists of several critical layers that work together to complete an electrical circuit:
1. **Actuator:** The physical part pressed by the user. It transmits the force to the internal contact dome.
2. **Contact Dome (Snap Dome):** Usually made of stainless steel or phosphor bronze. It provides tactile feedback (the "click") and bridges the circuit when compressed.
3. **Housing/Base:** High-temperature thermoplastic capable of withstanding reflow soldering temperatures.
4. **Terminals:** Copper alloy pins plated with silver or gold to ensure high conductivity and prevent oxidation.
---
### 3. Application Use Cases
Due to its small footprint and reliable switching, it is frequently found in:
* **Consumer Electronics:** Power buttons on smartphones, volume rockers, and Bluetooth headsets.
* **Industrial:** Reset switches on PCB boards or membrane keypad interfaces.
* **Medical:** Interface buttons on portable diagnostic equipment.
---
### 4. Implementation Example
When integrating this switch into a digital circuit (like an Arduino or ESP32), a pull-up resistor is typically required to prevent a floating state.
```cpp
// Basic switch detection logic
const int buttonPin = 2;
int buttonState = 0;
void setup() {
// Using internal pull-up to simplify hardware
pinMode(buttonPin, INPUT_PULLUP);
}
void loop() {
buttonState = digitalRead(buttonPin);
if (buttonState == LOW) {
// Switch is pressed (circuit closed to GND)
}
}
```
- ⤷What is the maximum current rating for the W2TS-01C-R?
- ⤷ Does this switch come in different operating force (grams) variants?
- ⤷ What is the recommended reflow soldering profile for this component?