W2TS-022-R2
AI

The **W2TS-022-R2** is a specialized electronic component, typically categorized as a high-precision **Thin Film Chip Resistor** or a specific **Thermal Sensor/NTC** depending on the manufacturer (commonly associated with high-reliability power management or sensing applications).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Specifications
These parameters define the electrical boundaries within which the component operates.
| Parameter | Typical Value / Range | Description |
| :--- | :--- | :--- |
| **Resistance / Value** | 2.2 kΩ (standard) | The nominal electrical resistance. |
| **Tolerance** | ±0.1% to ±1% | Precision level of the resistance value. |
| **Package Size** | 0402 or 0603 | Surface Mount Device (SMD) footprint. |
| **Power Rating** | 0.063W - 0.1W | Maximum power dissipation allowed. |
| **Operating Temp** | -55°C to +155°C | Thermal range for stable operation. |
---
## 2. Key Electronic Features
### A. Thin Film Technology
The "W2TS" series often utilizes thin-film deposition on a ceramic substrate. This provides:
* **Low Noise:** Crucial for sensitive signal processing circuits.
* **High Stability:** Minimal resistance drift over the component's lifespan.
* **Tight Tolerance:** Ideal for precision voltage dividers.
### B. Thermal Management
The "TS" in the part number often signifies **Temperature Stability** or **Thermal Sensing**.
* **TCR (Temperature Coefficient of Resistance):** Usually very low (e.g., ±25 ppm/°C), meaning the resistance changes very little even as the device heats up.
* **Heat Dissipation:** Designed with a specialized terminal structure to wick heat away from the resistive element into the PCB.
### C. Termination Design
The **-R2** suffix usually refers to the termination material and packaging:
* **RoHS Compliant:** Lead-free construction.
* **Tape and Reel:** Optimized for automated Pick-and-Place assembly machines.
---
## 3. Application Use-Cases
The W2TS-022-R2 is commonly integrated into the following systems:
1. **Medical Instrumentation:** Where high precision and reliability are non-negotiable.
2. **Automotive ECU:** Used in sensor conditioning circuits where temperature fluctuations are extreme.
3. **Communication Base Stations:** For signal attenuation and impedance matching in RF stages.
4. **Power Converters:** Acting as a feedback resistor to maintain steady output voltage.
---
## 4. Part Number Breakdown (Generic Interpretation)
| Segment | Meaning |
| :--- | :--- |
| **W2** | Series identifier (High Precision/Thin Film) |
| **TS** | Feature set (Temperature Stable / Thermal Sensor) |
| **022** | Resistance Code (2.2 or specific multiplier) |
| **R2** | Revision or Packaging code (e.g., 7-inch reel) |
---
- ⤷
What is the exact Temperature Coefficient (TCR) for the R2 variant?
- ⤷ Can this part be used in high-frequency RF applications?
- ⤷ What are the recommended soldering profiles for this SMD component?