W2TS-0AC-R/K
AI

The **W2TS-0AC-R/K** is a high-performance **solid-state thermal switch** or thermal sensor module, typically associated with industrial cooling systems and cabinet temperature management. These components are designed to provide precise thermal protection and automated control for electronic enclosures.
---
### 1. Key Technical Specifications
The following table highlights the general electrical and physical characteristics of this series:
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Solid-State Thermal Switch / Controller |
| **Operating Voltage** | Typically 100V - 240V AC (Standard AC Line) |
| **Switching Logic** | Normally Closed (NC) or Normally Open (NO) versions |
| **Sensitivity Range** | Fixed or adjustable (model dependent) |
| **Housing Material** | Heat-resistant thermoplastic / PBT |
| **Termination** | Lead wires or screw terminals |
---
### 2. Internal Electronic Structure
The "W2TS" series functions through a combination of thermal physics and solid-state switching:
1. **Thermal Sensing Element:** Uses a high-precision bimetallic disc or a thermistor-based circuit to detect ambient temperature changes.
2. **Switching Mechanism:** Unlike standard mechanical switches, these often feature high-reliability contacts rated for industrial cycles.
3. **Encapsulation:** The electronics are usually potted in resin to protect against vibration, humidity, and dust in industrial environments.
---
### 3. Application Use-Cases
The **W2TS-0AC-R/K** is primarily used in the following scenarios:
* **Cooling Fan Control:** Automatically activates AC axial fans when a cabinet reaches a specific temperature threshold.
* **Overheat Alarms:** Triggers a warning light or system shutdown if internal temperatures exceed safety limits.
* **HVAC Integration:** Acts as a local thermostat for small-scale industrial heating or cooling units.
---
### 4. Part Number Breakdown (Suffix Logic)
* **0AC:** Indicates the voltage rating, specifically designed for **Alternating Current** systems.
* **R/K:** This usually refers to the mounting style or the specific temperature calibration (e.g., "R" for Rail mounting or "K" for a specific Kelvin-based temperature set point).
- ⤷
What is the exact temperature trip point for the R/K variant?
- ⤷ How do I wire this switch to an AC axial fan?
- ⤷ Is there a DC version of the W2TS series available?