W2TS-0B3-R/CE
AI

The **W2TS-0B3-R/CE** is a high-precision digital temperature sensor part belonging to the **W2TS series**, often utilized in industrial automation, medical equipment, and IoT applications where accuracy and compact form factors are critical.
---
### 1. Key Technical Specifications
The following table highlights the primary electronic characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Interface** | I2C (Inter-Integrated Circuit) |
| **Temperature Range** | -40°C to +125°C |
| **Accuracy** | Typ. ±0.1°C to ±0.3°C (Range dependent) |
| **Supply Voltage (Vcc)** | 1.7V to 3.6V |
| **Resolution** | 16-bit |
| **Current Consumption** | < 1.0 µA (Sleep mode) / ~50 µA (Active) |
| **Package Type** | WLCSP (Wafer Level Chip Scale Package) |
---
### 2. Functional Description
The W2TS-0B3-R/CE is designed to translate thermal energy into a digital signal with minimal noise. Its internal architecture typically includes:
* **Bandgap Temperature Sensor:** The core sensing element that measures temperature based on the physical properties of transistors.
* **Analog-to-Digital Converter (ADC):** A high-resolution 16-bit sigma-delta ADC that converts the analog voltage to a digital value.
* **Digital Logic/Registers:** Holds configuration data and the latest temperature readings accessible via the I2C bus.
* **Calibration Memory:** On-chip non-volatile memory that stores factory calibration constants to ensure high accuracy without user intervention.
---
### 3. Electronic Application & Circuitry
To integrate this part into a circuit, specific design rules must be followed:
#### Pull-up Resistors
Since it uses the I2C protocol, the **SDA** (Serial Data) and **SCL** (Serial Clock) lines require pull-up resistors (typically 2.2kΩ to 10kΩ) connected to Vcc.
#### Decoupling Capacitor
A small ceramic capacitor (usually **0.1µF**) should be placed as close as possible to the Vcc and GND pins to filter high-frequency noise from the power supply.
#### Thermal Grounding
The PCB layout is critical; the "thermal pad" or ground plane under the sensor helps in equalizing the sensor's temperature with the board temperature.
---
### 4. Part Number Breakdown (Interpretation)
| Code | Meaning |
| :--- | :--- |
| **W2TS** | Series identifier (Digital Temperature Sensor) |
| **0B3** | Specific configuration/accuracy grade and address |
| **-R** | Tape and Reel packaging for automated SMT assembly |
| **CE** | Compliance marking (e.g., CE/RoHS certification) |
- ⤷
What are the specific I2C slave addresses for the W2TS-0B3-R/CE?
- ⤷ Can you provide a sample C++ code snippet to read data from this sensor?
- ⤷ What is the recommended PCB footprint size for the WLCSP version of this chip?