Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TS-0BC-R2/K

  • AI
    The **W2TS-0BC-R2/K** belongs to a specific category of precision electronic components, typically associated with high-stability resistors or specialized terminal components used in industrial and automotive applications. Below is a breakdown of the electronic specifications and technical characteristics. --- ### 1. Component Overview The "W2TS" series is generally categorized as a **Precision Thin Film Chip Resistor** or a **Terminal Network**, depending on the manufacturer (often associated with brands like *Walsin* or specialized high-frequency component makers). | Feature | Description | | :--- | :--- | | **Series** | W2TS (Thin Film / High Precision) | | **Configuration** | 0BC (Specific Size/Ohmic Code) | | **Tolerance** | R2 (Typically ±0.02% or ±0.2% depending on context) | | **Packaging** | /K (Embossed Plastic Tape / Reel) | ### 2. Technical Specifications These parts are engineered for environments where thermal stability and low noise are critical. * **Technology:** Thin Film (NiCr - Nickel Chromium) deposition. This provides superior accuracy compared to standard thick film resistors. * **Temperature Coefficient (TCR):** Usually very low (between ±5ppm/°C to ±25ppm/°C), ensuring the resistance value does not drift significantly as the device heats up. * **Operating Voltage:** Typically rated for 50V to 150V depending on the physical package size. * **Power Rating:** Usually ranges from 1/16W to 1/8W. ### 3. Key Electronic Characteristics #### A. High Precision The **R2** designation in the suffix often points to an extremely tight tolerance. In precision electronics, this is vital for: * Voltage divider circuits. * Operational amplifier feedback loops. * Precision instrumentation. #### B. Environmental Stability The **/K** suffix often denotes the automotive grade or specific reel packaging that adheres to high-reliability standards. These components are designed to withstand: * **Sulfur environments:** Resistance to corrosion. * **Moisture:** Passivated layers to prevent electrolytic open circuits. ### 4. Common Applications | Industry | Application | | :--- | :--- | | **Automotive** | ECU (Engine Control Units), Battery Management Systems (BMS). | | **Medical** | Diagnostic imaging equipment, Patient monitoring sensors. | | **Industrial** | High-end PLC (Programmable Logic Controllers), Measurement tools. | | **Telecom** | Base station power modules and signal conditioning. | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for the 0BC code in this series?
    • ⤷ How does Thin Film technology differ from Thick Film in terms of noise?
    • ⤷ What are the dimensions of the package for the W2TS series?