W2TS-1A3-R2/
AI

The **W2TS-1A3-R2** is a specific type of high-frequency coaxial switch, commonly used in RF (Radio Frequency) and microwave applications. It is designed to route signals between different paths with minimal loss and high isolation.
---
### 1. Key Technical Specifications
Below are the typical electronic characteristics for this component class:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Switch Type** | SPDT (Single Pole Double Throw) |
| **Frequency Range** | DC to 18 GHz (or 26.5 GHz depending on series) |
| **Impedance** | 50 Ohms |
| **Actuator Type** | Failsafe or Latching |
| **Operating Voltage** | 12V or 28V DC (Commonly 28V for R2 variants) |
| **Connector Type** | SMA (Female) |
---
### 2. Functional Components
The "Electronic Parts" within this assembly consist of three main subsystems:
#### A. The RF Cavity
This is the mechanical section where the signal travels. It uses precision-machined gold-plated contacts to ensure:
* **Low Insertion Loss:** Minimizing signal strength reduction as it passes through the switch.
* **High Isolation:** Preventing signal leakage into the "off" port.
#### B. The Solenoid Actuator
The "motor" of the switch. When voltage is applied to the control pins:
1. An electromagnetic field is generated.
2. A plunger moves a bridge or reed.
3. The physical connection shifts from Port 1 to Port 2.
#### C. Control & Protection Circuitry
Inside the housing, there are often secondary electronic components:
* **Suppression Diodes:** To prevent Back-EMF (voltage spikes) from damaging the driving circuit when the coil is de-energized.
* **Indicator Circuitry (Optional):** Some models include internal micro-switches that provide a "closed-loop" feedback signal to a computer to confirm the switch has physically moved.
---
### 3. Part Number Breakdown (Typical Naming Convention)
While specific to the manufacturer (often associated with brands like Teledyne or Dow-Key logic), the suffix usually denotes:
* **W2TS:** Series designation (Waveguide or Coaxial High Performance).
* **1A3:** Configuration (SPDT, SMA connectors, Specific Frequency).
* **R2:** Revision code or specific voltage/indicator requirement (often indicating a 28V coil with specific mounting).
---
### 4. Applications
* **Automated Test Equipment (ATE):** Switching between multiple instruments.
* **Satellite Communications:** Routing signals to backup amplifiers.
* **Radar Systems:** Switching between transmit and receive modes.
- ⤷What is the difference between a failsafe and a latching actuator in this switch?
- ⤷ What are the common causes of failure in RF coaxial switches?
- ⤷ How do I calculate the power handling capability for this part?