AI

The **W2TS-1BB-R2** is a specialized electronic component, typically categorized as a high-precision, low-profile **Tactile Switch** or a specific type of **Micro-Switch** used in surface-mount technology (SMT) applications.
---
### ## Technical Specifications Overview
Below is a breakdown of the typical electronic and mechanical characteristics associated with this part series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch / Push Button |
| **Mounting Type** | Surface Mount (SMT/SMD) |
| **Circuit Configuration** | SPST (Single Pole Single Throw) |
| **Switch Function** | Momentary (Normally Open) |
| **Contact Rating** | Typically 12V DC, 50mA |
| **Operating Force** | ~1.6N to 2.5N (Model dependent) |
| **Operating Life** | 100,000 to 500,000 cycles |
---
### ### Key Electronic Components & Materials
1. **Contact Dome (The Heart):**
* Made of stainless steel or phosphor bronze with gold or silver plating.
* It provides the "click" feel (tactile feedback) and completes the electrical circuit when depressed.
2. **Base (Housing):**
* Constructed from high-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
3. **Terminals:**
* Lead-frame style terminals designed for high-density PCB layouts. Often feature silver or gold flash to prevent oxidation and ensure low contact resistance.
4. **Actuator (Button):**
* The physical interface that the user presses. In the "1BB" variant, this usually refers to a specific height or color coding for the stem.
---
### ### Typical Application Use-Cases
The W2TS series is designed for miniaturized electronics where space is at a premium:
* **Consumer Electronics:** Power buttons on smartphones, volume rockers, or Bluetooth headsets.
* **Wearables:** Smartwatches and fitness trackers (due to the low profile).
* **Medical Devices:** Portable diagnostic tools requiring reliable momentary input.
* **Industrial:** Reset switches on embedded PCB modules.
---
### ### Physical Configuration
* **"R2" Suffix:** This usually indicates the packaging format, specifically **Tape & Reel** (2,000 or 3,000 pieces per reel), which is optimized for automated pick-and-place assembly machines.
* **Form Factor:** Very small footprint, often measuring in the range of 3mm x 2mm or 4mm x 4mm depending on the specific sub-series.
- ⤷What is the exact footprint dimensions for the W2TS-1BB-R2?
- ⤷ Is this switch rated for IP67 water resistance?
- ⤷ What is the maximum reflow soldering temperature for this component?