AI

The **W2TS-221-R2/CE** is a specialized industrial sensor, typically identified as an **Ultrasonic Double Sheet Detector** or a high-performance **Ultrasonic Sensor** used in automated material handling. These devices are critical in printing, packaging, and assembly lines to prevent multiple sheets of material (paper, metal foils, or plastic) from being fed into a machine simultaneously.
---
### 1. Core Technical Specifications
The "electronic parts" and operational parameters of this unit are designed for precision and high-speed response.
| Feature | Specification |
| :--- | :--- |
| **Sensing Technology** | Ultrasonic (Transmitter and Receiver pair) |
| **Operating Voltage** | 12 - 24V DC |
| **Output Type** | PNP or NPN (depending on wiring configuration) |
| **Response Time** | < 500ms (typical for industrial grade) |
| **Housing Material** | Nickel-plated brass or High-grade Polymer |
| **Connection Type** | M12 Connector (usually 4-pin or 5-pin) |
| **Certification** | CE (European Conformity) |
---
### 2. Functional Components (Electronic Architecture)
The device consists of several integrated electronic subsystems:
1. **Ultrasonic Transducer (Piezoelectric):**
* The "heart" of the sensor. It converts electrical energy into high-frequency sound waves (Transmitter) and converts reflected/transmitted sound back into electrical signals (Receiver).
2. **Signal Processing Unit (ASIC/Microcontroller):**
* An internal chip analyzes the amplitude of the received ultrasonic wave. Air, a single sheet, and double sheets all attenuate (weaken) the sound differently.
3. **Output Driver Circuit:**
* A transistor-based circuit (PNP/NPN) that acts as a switch. If a "double sheet" is detected, the circuit closes to trigger an alarm or stop the machine.
4. **Teach-In Interface:**
* Usually includes a physical button or a "Remote Teach" wire to calibrate the sensor to a specific material thickness.
---
### 3. Connection and Wiring Diagram
Most "R2" series sensors follow a standardized industrial wiring color code:
| Pin Number | Color | Function |
| :--- | :--- | :--- |
| 1 | Brown | +VCC (12-24V DC) |
| 2 | White | Control/Teach-In Input |
| 3 | Blue | GND (0V) |
| 4 | Black | Switching Output (Normal/Double Sheet) |
---
### 4. Key Advantages
* **Color Independence:** Because it uses sound waves rather than light, the electronic sensors are not affected by the color, transparency, or glossiness of the material.
* **Dust Resistance:** The electronic calibration compensates for minor dust buildup on the transducer face.
* **High Sensitivity:** Can distinguish between a single 20g/m² paper sheet and two sheets stuck together.
- ⤷
How do I calibrate the W2TS-221-R2 for different material thicknesses?
- ⤷ What is the recommended mounting distance between the transmitter and receiver?
- ⤷ Does this sensor support IO-Link for digital diagnostics?