W2TS-22B-R2/Q
AI

The **W2TS-22B-R2/Q** is a specific model of an **Industrial Pushbutton Switch**, typically belonging to a series of 22mm control components used in automation and electrical panels.
---
### 1. Component Overview
This part is an electromechanical interface designed to open or close an electrical circuit manually. It is characterized by its mounting diameter and specific contact configuration.
### 2. Technical Specifications
The following table breaks down the technical aspects based on the model nomenclature:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Mounting Diameter** | 22mm | Standard industrial cutout size. |
| **Operator Type** | Round Flush/Extended | The physical button head. |
| **Contact Configuration** | 2NO (2 Normally Open) | Contains two independent sets of NO contacts. |
| **Action Type** | Momentary | Returns to original position after being released. |
| **Current Rating** | 10A (typically) | Thermal current rating (Ith). |
| **Voltage Rating** | 240V - 600V AC | Dependent on insulation and contact block type. |
| **Color** | Red (R) | Often used for stop or alert functions. |
---
### 3. Electronic & Mechanical Parts Breakdown
#### A. The Operator (The Head)
* **Material:** Often made of chrome-plated plastic or metal for durability.
* **Environmental Protection:** Usually rated **IP65/IP66**, meaning it is dust-tight and protected against water jets.
#### B. The Contact Blocks (The Electrical Logic)
The "22B" designation refers to the contact blocks attached to the back of the switch.
* **NO (Normally Open):** The circuit is broken until the button is pressed.
* **Terminal Type:** Screw terminals are standard for secure industrial wiring.
* **Silver Alloy Contacts:** Used to minimize electrical resistance and prevent oxidation over long-term use.
#### C. The Mounting Collar
* This is the bridge between the operator and the contact blocks. It features a locking mechanism that allows the operator to be installed through the panel while the blocks are snapped on from the rear.
---
### 4. Typical Applications
* **Motor Control Centers (MCC):** Starting or stopping motors.
* **Control Panels:** Manual override for automated logic.
* **PLC Inputs:** Sending a digital signal to a Programmable Logic Controller.
---
- ⤷
What is the difference between momentary and maintained action for this switch?
- ⤷ Can the contact blocks be swapped for NC (Normally Closed) types?
- ⤷ What is the NEMA rating for the W2TS series?