W2TS-2A3-R2/CE
AI

The **W2TS-2A3-R2/CE** is a high-precision, industrial-grade **Signal Isolator / Signal Conditioner** typically manufactured by companies specializing in instrumentation, such as M-System or similar process control brands.
Below is a detailed breakdown of its electronic specifications and technical architecture.
---
### 1. Product Identification & Type
| Attribute | Specification |
| :--- | :--- |
| **Component Category** | Signal Conditioner / Galvanic Isolator |
| **Model Series** | W2TS Series (Ultra-slim design) |
| **Output Type** | Dual-output (Splitter) |
| **Certification** | CE Marking (Compliance with EU safety/EMC standards) |
---
### 2. Core Electronic Specifications
This device is designed to take one analog input and convert it into two isolated analog outputs.
* **Input Configuration (2A3):**
* **Signal:** Typically configured for **4–20 mA DC**.
* **Input Impedance:** Approximately 250 $\Omega$.
* **Output Configuration (R2):**
* **Output 1:** 4–20 mA DC.
* **Output 2:** 4–20 mA DC.
* **Load Resistance:** Usually supports up to 550 $\Omega$ for Output 1 and 350 $\Omega$ for Output 2.
* **Power Supply:**
* Standard options are usually **24V DC** (Internal ripple < 10% p-p).
* **Isolation Structure:**
* **3-Port Isolation:** Input, Output, and Power are all galvanically isolated from each other.
* **Isolation Resistance:** > 100 M$\Omega$ at 500V DC.
---
### 3. Key Performance Features
The electronic circuitry is optimized for high-speed response and stability in noisy industrial environments.
* **Accuracy:** $\pm$0.1% of span.
* **Temperature Coefficient:** $\pm$0.015% / °C.
* **Response Time:** $\leq$ 0.5 seconds (to reach 90% of the final value).
* **Protection:** Equipped with surge protectors and reverse polarity protection on the power input.
---
### 4. Physical and Installation Aspects
The "W2" designation often refers to the **Ultra-slim** housing, allowing for high-density mounting on DIN rails.
```markdown
Dimensions: Approx. 12mm - 20mm width (depending on specific housing revision)
Mounting: DIN Rail (35mm)
Wiring: M3 screw terminals or Tension-clamp (depending on sub-model)
```
---
### 5. Application Usage
The W2TS-2A3-R2/CE is primarily used to:
1. **Eliminate Ground Loops:** By isolating the input from the PLC/DCS.
2. **Signal Splitting:** Sending one sensor signal to both a local display and a remote control system simultaneously.
3. **Signal Conversion:** Matching different impedance levels between field devices and controllers.
---
- ⤷
What are the wiring diagrams for the input and dual-output terminals?
- ⤷ Can the output signals be calibrated or adjusted manually?
- ⤷ What is the dielectric strength rating between the input and power terminals?