W2TS-2B1-R/Q
AI

The **W2TS-2B1-R/Q** is a high-precision, industrial-grade **linear displacement sensor** (often categorized under LVDT or magnetostrictive principles depending on the specific series variant) manufactured by **WayCon**. It is designed for measuring distances or positions in demanding environments.
### Technical Specifications Overview
| Parameter | Specification |
| :--- | :--- |
| **Model Series** | W2TS (Compact Magnetic Scale) |
| **Interface** | 2B1 (Refers to specific connector/wiring configuration) |
| **Output Type** | R/Q (Commonly denotes Quadrature/Incremental signals) |
| **Operating Voltage** | Typically 5 VDC or 10-30 VDC |
| **Resolution** | Up to 1 µm (depending on the controller) |
| **Protection Class** | IP67 (Dust tight and waterproof) |
---
### Core Electronic Components & Features
#### 1. The Sensing Element (Magnetic Scale)
The "W2TS" series typically utilizes a **non-contact magnetic measurement principle**. The electronic head contains a Hall-effect sensor array that detects changes in the magnetic field as it moves over a magnetic tape or rod.
* **Advantage:** No mechanical wear, leading to a significantly longer lifespan compared to potentiometers.
#### 2. Signal Processing Unit (ASIC)
Internal to the sensor head is an Application-Specific Integrated Circuit (ASIC) that:
* **Interpolates:** Converts the raw magnetic sine/cosine waves into usable digital pulses.
* **Filters:** Removes electronic noise caused by industrial machinery or EMI (Electromagnetic Interference).
#### 3. Output Configuration (R/Q)
The "R/Q" designation usually points to **Incremental RS422 (TTL)** or **Open Collector** outputs.
* **Quadrature Signals:** It outputs two channels (A and B) shifted by 90 degrees. This allows the receiving PLC (Programmable Logic Controller) to determine both the **distance** and the **direction** of movement.
* **Reference Pulse:** Often includes a "Z" pulse (Index) to mark a specific home position.
#### 4. Wiring and Connection (2B1)
This specific code refers to the electrical termination:
* **Connector Type:** Usually an M12 circular connector or a specific industrial plug.
* **Shielding:** The cable is multi-core and shielded to prevent signal degradation over long distances.
---
### Applications
* **Hydraulic Cylinders:** Monitoring the stroke position.
* **Woodworking Machinery:** Precise alignment of saw blades.
* **Automated Assembly:** Feedback loops for robotic arms.
- ⤷
What is the maximum measurement range available for the W2TS series?
- ⤷ How do I wire the RS422 output to a standard PLC?
- ⤷ What are the mounting requirements for the magnetic scale used with this sensor?