W2TS-2B2-R2/K
AI

The **W2TS-2B2-R2/K** is a specific model identifier typically associated with **high-precision industrial temperature sensors**, specifically **Platinum Resistance Temperature Detectors (RTDs)**. These are often used in semiconductor manufacturing, laboratory equipment, and high-end industrial thermal control.
Below is a breakdown of the electronic components and technical specifications related to this part.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | RTD (Resistance Temperature Detector) |
| **Element Material** | Platinum (Pt) |
| **Nominal Resistance** | 100 $\Omega$ at 0°C (Pt100) or 1000 $\Omega$ (Pt1000) * |
| **Wiring Configuration** | 2-wire or 3-wire (Standard B-Class) |
| **Temperature Range** | -50°C to +250°C (Standard industrial range) |
| **Tolerance Class** | Class B (±0.3°C at 0°C) |
| **Protective Tube** | Stainless Steel (SUS304 or SUS316) |
*\*Note: Specific resistance depends on the internal element used in the W2TS series variant.*
---
### 2. Part Number Breakdown (Functional Logic)
While specific to the manufacturer's catalog (often specialized suppliers like *Hayashidenko* or *Yamari*), the code generally breaks down as follows:
* **W2TS**: Series designation (Waterproof/Weatherproof Thin-film Sensor).
* **2B2**: Indicates the physical dimensions of the probe (e.g., 2mm diameter) and the lead wire length.
* **R2**: Refers to the resistance value or the "R-Ratio" (Resistance change over temperature).
* **K**: Indicates the tolerance or terminal type (K-type often denotes a specific connector or "Klasse" for accuracy).
---
### 3. Key Electronic Components
The device is composed of three primary electronic sections:
#### A. The Sensing Element (The Heart)
It utilizes a **Thin-film Platinum Resistor**. This is created by depositing a thin layer of platinum onto a ceramic substrate. As temperature increases, the electrical resistance of the platinum increases in a highly predictable, linear fashion.
#### B. The Lead Wires
To prevent electrical noise and corrosion, the wires are usually:
* **Teflon (PTFE) Coated**: For chemical and moisture resistance.
* **Silver-plated Copper**: To ensure minimal lead resistance interference.
#### C. Insulation & Protection
The internal element is packed with **Magnesium Oxide (MgO)** powder or high-temp epoxy to provide electrical insulation between the sensor element and the outer metal sheath, preventing short circuits while maintaining thermal conductivity.
---
### 4. Typical Applications
1. **Semiconductor Processing**: Monitoring temperatures in etching or deposition chambers.
2. **HVAC Systems**: High-precision air/liquid flow temperature measurement.
3. **Medical Equipment**: Sterilizers and laboratory incubators.
---
- ⤷
What is the difference between the Pt100 and Pt1000 versions of this sensor?
- ⤷ How do I calibrate a W2TS series sensor for industrial use?
- ⤷ What are the recommended wiring diagrams for a 3-wire RTD configuration?