Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TS-2B3-R/K

  • AI
    The **W2TS-2B3-R/K** is a specialized precision tool, specifically a **soldering/reworking iron handle** designed for high-end electronic repair and soldering stations. It is commonly associated with manufacturers like **Weller** (WX series) or high-precision industrial soldering systems. --- ### 1. General Specifications This part is a high-performance soldering iron designed for micro-soldering and SMD (Surface Mount Device) rework. | Feature | Description | | :--- | :--- | | **Tool Type** | Micro-Soldering Handle / Iron | | **Tip Series** | Typically uses RTM or WXMP series needle tips | | **Power Rating** | 40W - 55W (Depending on the base station) | | **Voltage** | 12V / 24V DC (Regulated by station) | | **Connector** | Multi-pin circular connector with lock mechanism | --- ### 2. Key Electronic Components & Design The "W2TS" assembly contains several internal electronic parts that allow for precise thermal management: #### A. Integrated Heating Element Unlike traditional irons where the heater is separate, this model often uses **Active Tip Technology**. * **Sensor Location:** The thermal sensor is located at the very tip of the iron. * **Response Time:** Allows for heat recovery in under 3 seconds. #### B. Internal Motion Sensor The handle contains a **Standby Sensor (Accelerometer/Mercury Switch)**. * **Function:** It detects when the iron is placed in the stand or held in the hand. * **Energy Saving:** Automatically lowers the temperature to "Setback" mode when not in motion to prolong tip life and save power. #### C. Parametric Memory Chip The connector end often houses a small **EEPROM** or identification chip. * **Function:** Communicates with the base station to identify the tool type. * **Data stored:** Calibration data, usage hours, and maximum temperature limits. --- ### 3. Usage Context This part is specifically engineered for the following electronic applications: * **Micro-Soldering:** Working on 0201 or 01005 sized components. * **Mobile Repair:** Ideal for logic board repair on smartphones (iPhone/Android). * **Medical Electronics:** Used in environments requiring high ESD (Electrostatic Discharge) safety. --- ### 4. Part Number Breakdown (Suffixes) * **-R:** Generally indicates a "Reduced" or "Rework" configuration, or a specific Tip geometry included in the kit. * **-K:** Often signifies a "Kit," meaning the handle is packaged with a stand (safety rest) and a starter tip.
    ✨ Follow-up Questions
    • ⤷ What specific soldering station models are compatible with this handle?
    • ⤷ How do you calibrate the temperature for the W2TS series?
    • ⤷ What are the common failure points in the W2TS internal wiring?