Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TS-2B3-R2/K

  • AI
    The **W2TS-2B3-R2/K** is a specific model within the series of industrial limit switches or specialized sensors (often associated with brands like **Azbil/Yamatake** or specialized electronics manufacturers). These parts are designed for high-precision detection in industrial automation. Below is a breakdown of the electronic components and specifications typical for this part. --- ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Industrial Limit Switch / Contact Sensor | | **Contact Configuration** | Typically 1NO (Normally Open) + 1NC (Normally Closed) | | **Actuator Type** | Roller Plunger / Lever (Model dependent) | | **Rated Voltage** | 125V AC / 250V AC | | **Rated Current** | 1A to 5A (varies by load type) | | **IP Rating** | IP67 (Dust-tight and protected against immersion) | | **Connection Type** | Pre-wired cable or M12 connector (K-suffix often denotes cable) | --- ### 2. Key Electronic Parts & Functionality The "Electronic" nature of this device refers to the electromechanical interface used to bridge physical movement into an electrical signal. #### A. Internal Microswitch The heart of the unit is a high-precision microswitch. It utilizes a "snap-action" mechanism to ensure that the contact transition occurs instantly, regardless of the speed at which the physical actuator is moved. This prevents electrical arcing and ensures signal reliability. #### B. Contact Materials The contacts are usually made of **Silver Alloy** or **Gold-clad Silver**. * **Gold-clad:** Used for low-energy circuits (logic levels) to prevent oxidation. * **Silver:** Used for power-switching applications. #### C. Sealing and Housing * **Encapsulation:** The internal electronic chamber is vacuum-sealed or potted with resin to prevent oil, water, or coolants from short-circuiting the contacts. * **R2/K Specification:** These suffixes usually refer to the cable characteristics, such as oil resistance (R2) or specific length/material (K). --- ### 3. Application Use Cases 1. **CNC Machining:** Used as a reference point or "Home" sensor for tool carousels. 2. **Robotics:** Sensing the end-of-travel limits for robotic arms to prevent mechanical damage. 3. **Safety Interlocks:** Ensuring a machine guard is closed before allowing the circuit to energize. --- ### 4. Circuit Diagram Representation ```mermaid graph LR A[Input Power] --> B{Switch State} B -- Actuated --> C[NC Opens / NO Closes] B -- Resting --> D[NC Closed / NO Open] C --> E[PLC / Controller Signal] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring color code for the K-suffix cable?
    • ⤷ How does the R2 rating affect the switch's resistance to industrial coolants?
    • ⤷ Can this switch be used in a safety-rated SIL2 circuit?