W2TS-311-R
AI

The **W2TS-311-R** is a specific model within the series of industrial limit switches, typically associated with brands like **Azbil (formerly Yamatake)** or similar industrial control manufacturers. It is a high-precision, horizontal-type limit switch designed for position detection in machinery.
---
### 1. Key Technical Specifications
The electrical and mechanical characteristics are critical for integration into control circuits.
| Feature | Specification |
| :--- | :--- |
| **Contact Configuration** | Single Pole, Double Throw (SPDT) |
| **Actuator Type** | Top Roller Plunger |
| **Rated Voltage** | 125V AC / 250V AC |
| **Rated Current** | Typically 5A to 10A (depending on load type) |
| **Terminal Type** | Screw Terminals (M3) |
| **Protection Rating** | IP67 (Dust-tight and immersion-resistant) |
| **Operating Force** | ~4.90 N to 11.8 N |
---
### 2. Internal Electronic Structure
While a limit switch is primarily a mechanical device, its "electronic" identity is defined by its contact logic:
* **COM (Common):** The input terminal where the power source is connected.
* **NC (Normally Closed):** The circuit is complete when the actuator is at rest.
* **NO (Normally Open):** The circuit is open until the roller plunger is depressed.
* **Snap-Action Mechanism:** Internally, it uses a spring-loaded toggle mechanism. This ensures that the transition between NC and NO happens instantly at a specific "trip point," preventing electrical arcing and ensuring high repeatability.
---
### 3. Connection Diagram
Below is a representation of how the terminals are typically wired in a control circuit:
```text
[ Terminal Block ]
|
/-------+-------\
| (1) (2) (3) |
| COM NC NO |
\-------+-------/
|
(Mechanical Actuator)
```
---
### 4. Typical Applications
* **Position Sensing:** Detecting the arrival of a machine carriage or a robot arm.
* **Safety Interlocks:** Ensuring a protective door is closed before a motor starts.
* **End-of-Travel Limits:** Cutting power to a motor if a component moves too far in one direction.
---
### 5. Part Number Breakdown (W2TS-311-R)
* **W2TS:** Series designation (High-precision/Compact).
* **311:** Defines the actuator style (Top Roller Plunger) and mounting hole spacing.
* **R:** Often denotes the specific terminal orientation or a "RoHS" compliance indicator depending on the manufacturer's specific catalog suffix.
- ⤷
What are the differences between the W2TS series and standard microswitches?
- ⤷ Can the W2TS-311-R be used for DC current applications?
- ⤷ How do you troubleshoot a failed contact in this specific switch?