Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • W2TS-312-R2/Q

  • AI
    The **W2TS-312-R2/Q** is a specialized precision connector component typically utilized in high-performance electronics, such as aerospace, military, or advanced industrial communications. This specific part number follows the nomenclature for circular or D-subminiature connector assemblies, often associated with high-frequency signal integrity. --- ### 1. Key Technical Specifications Based on the standard architecture for this series, here are the primary electronic characteristics: | Parameter | Description | | :--- | :--- | | **Component Type** | Circular Connector / Terminal System | | **Contact Material** | Gold-plated copper alloy (for low resistance) | | **Insulation Resistance** | > 5000 MΩ | | **Voltage Rating** | 250V - 500V (Depending on pitch) | | **Current Rating** | 3A - 5A per contact | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Electronic Breakdown by Part Segment The part number can be broken down into functional electronic attributes: * **W2TS**: Series designation. Usually indicates a **Wire-to-Terminal System** or a specific high-reliability circular series. * **312**: Configuration code. This typically refers to the **Pin Layout** (3 rows or 12 positions) or the physical shell size. * **R2**: Revision or Termination style. "R2" often denotes a **Right-Angle** PCB mount or a specific revision of the contact plating thickness. * **Q**: Quality/Shielding grade. The "Q" suffix usually signifies **Quick-disconnect** capability or **Quad-shielding** for Electromagnetic Interference (EMI) protection. --- ### 3. Electronic Performance Features #### Signal Integrity The internal contacts are designed to minimize **Insertion Loss** and **Return Loss**. In high-speed data applications, the "Q" variant ensures that the electronic path is shielded against crosstalk from neighboring circuits. #### Contact Resistance By utilizing gold-over-nickel plating, the part maintains a stable contact resistance (typically **< 10 mΩ**). This is critical for low-voltage sensor signals where any fluctuation in resistance would result in signal noise. #### Durability and Environmental Sealing The electronic housing is often made of a high-performance thermoplastic (like PBT or PPS) that prevents **arcing** between pins, even in high-humidity environments. --- ### 4. Implementation Example If you are integrating this into a PCB design, the footprint usually follows these constraints: ```python # Example Pin-Out Configuration (Conceptual) pins = { "1-4": "High-Speed Data (Differential Pairs)", "5-8": "Power Supply (VCC/GND)", "9-12": "Signal Ground / Shielding" } def check_integrity(voltage): if voltage > 500: return "Warning: Voltage exceeds dielectric strength." return "Safe Operating Range" ```
    ✨ Follow-up Questions
    • ⤷What is the exact pin pitch for the R2 mounting style?
    • ⤷ Is the W2TS-312-R2/Q compatible with MIL-DTL standard cables?
    • ⤷ What is the specific plating thickness for the 'Q' grade contacts?