W2TS-31A-R2/CE
AI

The **W2TS-31A-R2/CE** is a specific model of an **Industrial Power Supply/Filter Module**, typically categorized under power line noise filters or specialized terminal modules used in automation systems.
---
## 1. Core Technical Specifications
The "W2TS" series generally refers to noise filters or interface modules designed for DIN rail mounting. Below are the typical electronic characteristics for this series:
| Parameter | Specification |
| :--- | :--- |
| **Model** | W2TS-31A-R2/CE |
| **Rated Voltage** | 250V AC / 50-60Hz |
| **Rated Current** | 1A to 3A (depending on specific R2 sub-rating) |
| **Circuit Configuration** | Single-phase noise filter |
| **Mounting Type** | DIN Rail / Terminal Block style |
| **Certifications** | CE Marked (European Conformity) |
---
## 2. Key Electronic Components & Functions
The device is composed of several internal electronic stages designed to suppress Electromagnetic Interference (EMI):
### A. Inductive Components (Chokes)
* **Common Mode Choke:** Filters out noise that is common to both the line and neutral wires relative to the ground.
* **Differential Mode Choke:** Filters out noise existing between the line and neutral wires.
### B. Capacitive Network (X & Y Capacitors)
* **X-Capacitors:** Connected across the lines to suppress symmetrical interference.
* **Y-Capacitors:** Connected between the lines and the chassis/ground to bypass high-frequency noise to the earth.
### C. Protection Elements
* **Varistors (MOVs):** Often included to protect the downstream electronics from voltage surges or transients.
* **Bleeder Resistors:** Integrated to discharge the capacitors safely once power is disconnected.
---
## 3. Terminal Connectivity
The "W2" and "TS" designations often imply a specific terminal layout:
1. **Input Terminals:** Where the raw AC power enters the module.
2. **Output Terminals:** Where the "clean," filtered power exits to the sensitive electronic load (PLCs, Sensors, or Controllers).
3. **Grounding Terminal:** Critical for the Y-capacitors to function and for safety.
---
## 4. Typical Applications
* **PLC Protection:** Preventing electrical noise from causing logic errors in Programmable Logic Controllers.
* **Sensor Stabilization:** Ensuring analog signals are not distorted by power line ripples.
* **Compliance:** Helping industrial machinery meet CE EMC (Electromagnetic Compatibility) directives.
- ⤷
What are the specific wiring diagrams for the W2TS-31A series?
- ⤷ How does the 'R2' suffix change the electrical rating compared to the standard model?
- ⤷ What is the leakage current rating for this specific CE-certified module?