W2TS-3AA-R/CE
AI

The **W2TS-3AA-R/CE** is a specialized electronic component, typically categorized as a **Terminal Block Relay Module** or an **Interface Relay**. These units are widely used in industrial automation to act as a bridge between low-power control signals (like those from a PLC) and high-power loads.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Terminal Block Interface Relay |
| **Input Voltage (Coil)** | 24V DC (Standard for 3AA series) |
| **Output Type** | Electromechanical Relay (Changeover/SPDT) |
| **Contact Rating** | Usually 6A at 250V AC / 30V DC |
| **Mounting Style** | DIN Rail (35mm) |
| **Wiring Method** | Screw or Push-in Terminals |
| **Status Indicator** | Integrated LED (usually Green or Red) |
---
### 2. Functional Electronic Parts
The device consists of several critical internal and external sections:
#### A. Input Section (Control Side)
* **The Coil:** An electromagnetic coil that energizes when 24V DC is applied.
* **Protection Diode:** Often includes a "Freewheeling Diode" (Flyback diode) to prevent voltage spikes from damaging the PLC outputs when the coil is switched off.
* **LED Indicator:** A low-power light-emitting diode connected in parallel with the coil to provide visual confirmation of signal presence.
#### B. Output Section (Switching Side)
* **Contacts:** Silver alloy contacts designed to handle AC or DC loads.
* **Configuration:** Typically **1C (SPDT)**, meaning it has one Common (COM), one Normally Open (NO), and one Normally Closed (NC) terminal.
#### C. Housing and Isolation
* **Galvanic Isolation:** One of the most important electronic features. It physically separates the control circuit (PLC) from the load circuit (Motors/Solenoids), protecting sensitive electronics from high-voltage surges.
---
### 3. Application Use Cases
* **Signal Amplification:** Using a 10mA PLC signal to switch a 6A motor starter.
* **Voltage Conversion:** Controlling a 220V AC load using a 24V DC control signal.
* **Electrical Isolation:** Protecting a controller from electrical noise generated by inductive loads.
---
### 4. Wiring Diagram Overview
| Terminal Label | Function | Description |
| :--- | :--- | :--- |
| **A1 / A2** | Input | Connects to the 24V DC control source. |
| **11 (Common)** | Output | The common feed for the load. |
| **14 (NO)** | Output | Normally Open; closes when energized. |
| **12 (NC)** | Output | Normally Closed; opens when energized. |
- ⤷
What is the maximum switching frequency for this relay?
- ⤷ Does this model support internal fuse protection?
- ⤷ Can the relay module be replaced without disconnecting the wiring?