W2TS-3AA-R2/N
AI

The **W2TS-3AA-R2/N** belongs to a specific category of industrial automation components, typically associated with **Signal Converters or Isolators** (often manufactured by brands like M-System or similar industrial electronic firms). These devices are used to interface between field sensors and control systems (PLC/DCS).
### 1. General Specifications
This specific model is a **2-Wire Transmitter** or a **Signal Conditioner** designed to convert input signals into a standard industrial output.
| Feature | Specification Details |
| :--- | :--- |
| **Model Type** | W2TS Series (Isolation Transmitter) |
| **Power Input** | Loop-powered (2-wire system) |
| **Input Signal** | DC Voltage or Current (depending on configuration) |
| **Output Signal** | 4 – 20 mA DC |
| **Mounting** | DIN Rail or Surface Mount |
---
### 2. Breakdown of Part Number Components
The suffix codes often define the specific electronic characteristics of the unit:
* **W2TS**: Series identifier (Thin-profile 2-wire transmitter).
* **3AA**: Usually denotes the input/output range configuration (e.g., 4-20mA input or a specific voltage range).
* **R2**: Typically refers to the power supply requirement or a specific revision of the circuit board.
* **N**: Often indicates the type of enclosure or the absence of specific optional features (like a power indicator LED or specific explosion-proof rating).
---
### 3. Key Electronic Functions
The internal circuitry of the W2TS-3AA-R2/N performs three primary electronic tasks:
#### A. Signal Isolation
It provides galvanic isolation between the input and the output. This protects the control system from high-voltage surges and eliminates **ground loops**, which can cause measurement errors in industrial environments.
#### B. Linearization and Conversion
The electronic components inside (Op-Amps and Precision Resistors) take a raw input signal and scale it linearly to a standard 4-20mA loop. This allows for long-distance transmission with minimal signal degradation.
#### C. Loop Power Management
As a 2-wire device, it does not require a separate power cable. It draws its operating current (usually < 4mA) directly from the output loop, making the wiring more efficient.
---
### 4. Application Use Case
In a typical factory setup, the W2TS-3AA-R2/N would be used as follows:
1. **Sensor Side:** Connected to a flow meter or pressure transducer.
2. **Conversion:** The unit converts the sensor's raw output into a stable current.
3. **Control Side:** The 4-20mA signal is sent to a PLC (Programmable Logic Controller) located hundreds of meters away.
- ⤷
What are the specific input range options for the '3AA' configuration?
- ⤷ Does this model support HART communication protocol?
- ⤷ What is the maximum isolation voltage rating for the W2TS series?