AI

The **W2TS-3AA-R2/Q** is a specialized electronic component part of the **W2TS series**, typically categorized as a **subminiature, high-precision thermal switch** or **temperature sensor assembly**. These devices are frequently used in aerospace, defense, and high-reliability industrial applications for temperature monitoring and circuit protection.
---
## 1. Technical Specifications
Below are the primary electronic and physical characteristics typical for this specific model:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Thermal Switch / Temperature Sensor |
| **Contact Configuration** | Single Pole, Single Throw (SPST) |
| **Circuit State** | Normally Closed (NC) or Normally Open (NO) *[Model Specific]* |
| **Current Rating** | Typically 1A to 5A at 28VDC / 115VAC |
| **Terminal Type** | Solder Pins / Lead Wires (3AA variant indicates lead length/type) |
| **Housing Material** | Hermetically sealed stainless steel or high-temp polymer |
| **Mounting** | Surface or Bracket Mount |
---
## 2. Key Electronic Components & Operation
The "R2/Q" suffix usually denotes specific qualification levels or response times. Here is how the internal electronics function:
### A. Bimetallic Disc Mechanism
The core of the W2TS series is a **snap-acting bimetallic disc**.
* **Action:** When the ambient temperature reaches a predefined set point, the two metals (with different expansion coefficients) cause the disc to snap.
* **Result:** This physical movement opens or closes the electrical contacts instantaneously, preventing "arcing" that occurs in slow-moving switches.
### B. Hermetic Sealing
The "Q" in the suffix often refers to **Qualified** or **Hermetically Sealed** standards.
* The internal contacts are protected against oxidation, moisture, and high-altitude pressure drops.
* This ensures the electrical resistance remains low (typically <50 mΩ) over the life of the part.
### C. Wiring (3AA Configuration)
The "3AA" designation usually refers to the lead wire exit and insulation:
* **Insulation:** Often Teflon (PTFE) or Kapton for high-temperature resistance.
* **Gauge:** Typically 20-24 AWG stranded silver-plated copper.
---
## 3. Application Use Cases
Because of its precision and reliability, the W2TS-3AA-R2/Q is found in:
1. **Avionics:** Overheat detection in flight control computers.
2. **Medical Equipment:** Precise temperature regulation in laboratory incubators.
3. **Satellite Systems:** Monitoring battery pack temperatures in vacuum environments.
---
## 4. Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **W2TS** | Series ID (Subminiature Thermal Switch) |
| **3AA** | Lead wire length and termination style |
| **R2** | Response time rating or specific temperature tolerance |
| **Q** | Qualification level (e.g., MIL-SPEC or Space Grade) |
- ⤷
What is the exact trip temperature for the R2 variant?
- ⤷ Is this component compatible with high-vibration aerospace environments?
- ⤷ What are the alternatives to bimetallic switches for high-precision sensing?